Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4448 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # LS4448
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LS4448 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  LS4448 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. LS4448 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. LS4448 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 12/01/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
3
0.1
10 -5
2
2
10
52
-4
1
5
4
2
IFRM
5
3
4
10
2
0.5
0.2
0.1
v=0
10
2
10
5
-3
5
tp
5
2
-2
-1
10
25
5
1
2
10 s
T
IFRM
tp
t
10
Admissible repetitive peak forward current
versus pulse duratin
Valid provided that leads at a distance of 8 mm from case
are kept at ambient temperature
4
3
5
100
5
0
1
2
2
10
5
100
Tj
I
200 C
o
VR=20V
Leakage current
versus junction temperature
2
IR
5
2
2
3
10
10
5
nA
4
LL 4448
LL 4448
v=tp/T
T=1/fp
A
~
~
~
Rectification Efficiency Measurement Circuit
LS4448



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com