Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK3404 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # CDK3404
Description  8-bit, 180MSPS, Triple Video DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3404 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CDK3404 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
5
Data Sheet
DC Performance
(TA = 25°C, VDDA = VDDD =3.3V, VREF = 1.25V, RL = 37.5Ω, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Resolution
8
bits
INL
Integral Linearity Error
TA = 25°C (1)
-0.5
0.5
LSB
TA = -40°C to +125°C (2)
-0.5
0.5
LSB
DNL
Differential Linearity Error
TA = 25°C (1)
-0.5
0.5
LSB
TA = -40°C to +125°C (2)
-0.5
0.5
LSB
Offset Error
TA = -40°C to +125°C (2)
0.01
%FS
Gain Matching Error
TA = -40°C to +125°C (1)
-2.5
2.5
%FS
Absolute Gain Error
TA = -40°C to +125°C (1)
-3.5
3.5
%FS
Full-Scale Output Current
TA = 25°C (1)
18.0
18.7
19.4
mA
TA = -40°C to +125°C (2)
18.0
18.7
19.4
mA
TA = -40°C to +125°C , With internal
reference. Trim RSET to calibrate full-scale
current.
18.7
mA
PSRR
Power Supply Rejection Ratio
TA = -40°C to +125°C (2)
-0.01
0
0.01
%/%
Notes:
1. 100% production tested at +25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.
AC Performance
(TA = 25°C, VDDA = VDDD =3.3V, VREF = 1.25V, RL = 37.5Ω, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Analog Outputs
Glitch Energy
20
pVsec
DAC-to-DAC Crosstalk
30
dB
Data Feedthrough
50
dB
Clock Feedthrough
60
dB
Notes:
1. 100% production tested at +25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com