Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK3404 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # CDK3404
Description  8-bit, 180MSPS, Triple Video DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3404 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button CDK3404 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
8
Data Sheet
The CDK3404 may also be operated with a single 75Ω
terminating resistor. To lower the output voltage swing
to the desired range, the nominal value of the resistor on
RREF should be doubled.
R, G, and B Current Outputs - IOR, IOG, IOB
Current source outputs can drive VESA VSIS, and RS-
343A/SMPTE-170M compatible levels into doubly-termi-
nated 75Ω lines. Sync pulses can be added to the green
output. When SYNC is HIGH, the current added to IOG is:
IOS = 2.33 (VREF/ RREF)
Current-Setting Resistor - RREF
Full-scale output current of each D/A converter is deter-
mined by the value of the resistor connected between
RREF and GND. Nominal value of RREF is found from:
RREF = 5.31 (VREF/IFS)
where IFS is the full-scale (white) output current (in amps)
from the D/A converter (without sync). Sync is 0.439 * IFS.
D/A full-scale (white) current may also be calculated from:
IFS = VFS/RL
Where VFS is the white voltage level and RL is the total
resistive load (Ω) on each D/A converter. VFS is the blank
to full-scale voltage.
Voltage Reference
Full scale current is a multiple of the current ISET through
an external resistor, RSET connected between the RREF pin
and GND. Voltage across RSET is the reference voltage,
VREF, which can be derived from either the 1.25 volt in-
ternal bandgap reference or an external voltage reference
connected to VREF. To minimize noise, a 0.1µF capacitor
should be connected between VREF and ground. ISET is
mirrored to each of the GBR output current sources. To
minimize noise, a 0.1µF capacitor should be connected
between the COMP pin and the analog supply voltage
VDDA.
Voltage Reference Output/Input - VREF
An internal voltage source of +1.25V is output on the VREF
pin. An external +1.25V reference may be applied to over-
ride the internal reference. Decoupling VREF to GND with
a 0.1µF ceramic capacitor is required.
Power and Ground
Required power is a single +3.3V supply. To minimize power
supply induced noise, analog +3.3V should be connected
to VDDD and VDDA pins with 0.1µF and 0.01µF decoupling
capacitors placed adjacent to each VDD pin or pin pair.
The high slew-rate of digital data makes capacitive cou-
pling to the outputs of any D/A converter a potential
problem. Since the digital signals contain high-frequency
components of the CLK signal, as well as the video out-
put signal, the resulting data feedthrough often looks
like harmonic distortion or reduced signal-to-noise perfor-
mance. All ground pins should be connected to a common
solid ground plane for best performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com