Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK3404 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CDK3404
Description  8-bit, 180MSPS, Triple Video DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3404 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CDK3404 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3404 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
4
Data Sheet
Electrical Characteristics
(TA = 25°C, VDDA = VDDD =3.3V, VREF = 1.25V, RL = 37.5Ω, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Power Supply Current
TA = 25°C (1)
80
85
mA
TA = -40°C to +125°C (2)
95
mA
PD
Total Power Dissipation(2)
TA = -40°C to +125°C
300
mW
Digital Inputs
VIH
Input Voltage, HIGH (1)
TA = -40°C to +125°C
2.5
V
VIL
Input Voltage, LOW (1)
TA = -40°C to +125°C
0.8
V
IIH
Input Current, HIGH (1)
TA = -40°C to +125°C
-1
1
µA
IIL
Input Current, LOW (1)
TA = -40°C to +125°C
-1
1
µA
CI
Input Capacitance
4
pF
Analog Outputs
Output Current (1)
30
mA
RO
Output Resistance
40
CO
Output Capacitance
7
pF
Reference Output
VREF
Reference Voltage Output (1)
TA = -40°C to +125°C
1.135
1.25
1.365
V
Notes:
1. 100% tested at 25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.
Switching Characteristics
(TA = 25°C, VDDA = VDDD =3.3V, VREF = 1.25V, RL = 37.5Ω, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Clock Input
Conversion Rate (1)
TA = -40°C to +125°C
180
MSPS
tPWH
Pulse-width HIGH (2)
TA = -40°C to +125°C
2
ns
tPWL
Pulse-width LOW (2)
TA = -40°C to +125°C
2
ns
Data Inputs
tS
Setup
TA = 25°C (1)
1.5
ns
TA = -40°C to +125°C (2)
2
ns
tH
Hold
TA = 25°C (1)
0.6
ns
TA = -40°C to +125°C (2)
0.6
ns
Data Outputs, with 50Ω doubly terminated load
tD
Clock to Output Delay
TA = -40°C to +125°C
1.6
ns
tR
Output Risetime
TA = -40°C to +125°C
0.6
ns
tF
Output Falltime
TA = -40°C to +125°C
0.4
ns
tSET
Settling Time
2.5
ns
tSKEW
Output Skew
0.3
ns
Notes:
1. 100% production tested at +25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com