Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307DILP64 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # CDK8307DILP64
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307DILP64 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button CDK8307DILP64 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
7
PRELIMINARY Data Sheet
Pin No.
Pin Name
Description
32
D6P
LVDS channel 6, positive output
31
D6N
LVDS channel 6, negative output
30
D7P
LVDS channel 7, positive output
29
D7N
LVDS channel 7, negative output
28
D8P
LVDS channel 8, positive output
27
D8N
LVDS channel 8, negative output
26
FCLKP
LVDS frame clock (1X), positive output
25
FCLKN
LVDS frame clock (1X), negative output
24
LCKP
LVDS bit clock, positive output
23
LCKN
LVDS bit clock, negative output
54
NC
Not connected
55
NC
Not connected
56
VCM
Common mode output pin, 0.5*AVDD
57
NC
Not connected
58
NC
Not connected
10
CLKP
Positive differential input clock
9
CLKN
Negative differential input clock.
40
CSN
Chip select enable. Active Low
39
SDATA
Serial data input
38
SCLK
Serial clock input
TQFP
1, 7, 14, 47, 54, 60, 63, 70
AVDD
Analog power supply, 1.8V
4, 8, 11, 50, 53, 57, 61, 68, 73,
74, 79, 80
AVSS
Analog ground
2
IP1
Positive differential input signal, channel 1
3
IN1
Negative differential input signal, channel 1
5
IP2
Positive differential input signal, channel 2
6
IN2
Negative differential input signal, channel 2
9
IP3
Positive differential input signal, channel 3
10
IN3
Negative differential input signal, channel 3
12
IP4
Positive differential input signal, channel 4
13
IN4
Negative differential input signal, channel 4
48
IP5
Positive differential input signal, channel 5
49
IN5
Negative differential input signal, channel 5
51
IP6
Positive differential input signal, channel 6
52
IN6
Negative differential input signal, channel 6
55
IP7
Positive differential input signal, channel 7
56
IN7
Negative differential input signal, channel 7
58
IP8
Positive differential input signal, channel 8
59
IN8
Negative differential input signal, channel 8
15, 17, 18, 26, 36, 43, 44, 46
DVSS
Digital ground
25, 35
DVDD
Digital and I/O power supply, 1.8V
Pin Assignments
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com