Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307DILP64 Datasheet(PDF) 19 Page - Cadeka Microcircuits LLC.

Part # CDK8307DILP64
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307DILP64 Datasheet(HTML) 19 Page - Cadeka Microcircuits LLC.

Back Button CDK8307DILP64 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 17Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 18Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 19Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 20Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 21Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 22Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 23Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
19
PRELIMINARY Data Sheet
Table 7. LVDS Internal Termination Programmability
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
en_lvds_term
Enables internal termination for
LVDS buffers
Termination
disabled
X
12
term_lclk<2:0>
Programmable termination for
LCLKN and LCLKP buffers
Termination
disabled
1
X X X
term_
frame<2:0>
Programmable termination for
FCLKN and FCLKP buffers
Termination
disabled
1
X X X
term_dat<2:0>
Programmable termination for
DxP and DxN buffers
Termination
disabled
1
X X X
The off-chip load on the LVDS buffers may represent a characteristic impedance that is not perfectly matched with
the PCB traces. This may result in reflections back to the LVDS outputs and loss of signal integrity. This effect can be
mitigated by enabling an internal termination between the positive and negative outputs of each LVDS buffer. Internal
termination mode can be selected by setting the
en_lvds_term bit to '1'. Once this bit is set, the internal termination
values for the bit clock, frame clock, and data buffers can be independently programmed using sets of three bits. Table
8 shows how the internal termination of the LVDS buffers are programmed. The values are typical values and can vary
by up to ±20% from device to device and across temperature.
Table 8. Bit Clock Internal Termination
term_*<2:0>
LVDS Internal Termination
000
Termination Disabled
001
260Ω
010
150Ω
011
94Ω
100
125Ω
101
80Ω
110
66Ω
111
55Ω
Table 9. Analog Input Invert
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
invert_ch<8:1>
Swaps the polarity of the analog
input pins electrically
IPx is positive
input
X X X X X X X X
24
The IPx pin represents the positive analog input pin, and INx represents the negative (complementary) input. Setting
the bits marked
invert_ch <8:1> (individual control for each channel) causes the inputs to be swapped. INx would then
represent the positive input, and IPx the negative input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com