Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307DILP64 Datasheet(PDF) 23 Page - Cadeka Microcircuits LLC.

Part # CDK8307DILP64
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307DILP64 Datasheet(HTML) 23 Page - Cadeka Microcircuits LLC.

Back Button CDK8307DILP64 Datasheet HTML 19Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 20Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 21Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 22Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 23Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 24Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 25Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 26Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 27Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
23
PRELIMINARY Data Sheet
Table 15. Full Scale Control
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
fs_cntrl<5:0>
Fine adjust ADC full scale range
0% change
X X X X X X
55
The full-scale voltage range of CDK8307 can be adjusted using an internal 6-bit DAC controlled by the
fs_cntrl register.
Changing the value in the register by one step, adjusts the full-scale range approximately 0.3%. This leads to a maximum
range of ±10% adjustment. Table 16 shows how the register settings correspond to the full-scale range. Note that the
values for full-scale range adjustment are approximate. The DAC is, however, guaranteed to be monotonous.
The full-scale control and the programmable gain features differ in two major ways:
1. The full-scale control feature controls the full-scale voltage range in an analog fashion, whereas the programmable
gain is a digital feature.
2. The programmable gain feature has much coarser gain steps and larger range than the full-scale control.
Table 16. Register Values with Corresponding Change in Full-Scale Range
fs_cntrl <5:0>
Full-Scale Range Adjustment
111111
+9.7%
...
...
100001
+0.3%
100000
+0%
011111
-0.3%
...
...
000000
-10%
Table 17. Clock Frequency
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
clk_freq<1:0>
Input clock frequency
65MHz
X X
56
To optimize startup time a register is provided where the input clock frequency can be set. Some internal circuitry has
startup times that are frequency independent. Default counter values are set to accommodate these startup times at
the maximum clock frequency. This will lead to increased startup times at low clock frequency. Setting the value of this
register to the nearest higher clock frequency will reduce the count values of the internal counters, to better fit the actual
startup time, such that the startup time will be reduced.
Table 18. Clock Frequency Settings
clk_freq <1:0>
Clock Frequency (MHz)
00
65
01
45
10
30
11
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com