Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS32L Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BAS32L
Description  HIGH SPEED DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAS32L Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BAS32L Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAS32L Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BAS32L Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BAS32L Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 16/01/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BAS32L
Electrical Characteristics (Ta = 25
oC)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
at IF = 5mA
at IF = 100mA
at IF = 100mA, Tj = 100℃
VF
VF
VF
620
-
-
-
-
-
750
1000
930
mV
mV
mV
Reverse current
at VR = 20V
at VR = 75V
at VR = 20V, Tj = 150℃
at VR = 75V, Tj = 150℃
IR
IR
IR
IR
-
-
-
-
-
-
-
-
25
5
50
100
nA
μA
μA
μA
Reverse breakdown voltage
at IR = 100μA
V(BR)R
100
-
-
V
Diode capacitance
f = 1MHz
Cd
-
-
2
pF
Reverse recovery time
at IF = 10mA, IR = 10mA, RL = 100Ω
measured at IR = 1mA
trr
-
-
4
ns
Forward recovery voltage
IF = 50mA, tr = 20ns
Vfr
-
-
2.5
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com