Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS32L Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # BAS32L
Description  HIGH SPEED DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAS32L Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  BAS32L Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAS32L Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BAS32L Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BAS32L Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dated : 16/01/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BAS32L
(1) VR=75V; maximum values
(2) VR=75V; typical values
(3) VR=20V; typical values
Tj ( C)
REVERSE CURRENT AS A FUNCTION
OF JUNCTION TEMPERATURE
IR ( A)
(1)
(2)
(3)
f=1MHz; Tj=25 C
0.6
0
0.4
0.8
Cd (pF)
VR ( V )
10
20
1.0
1.2
Diode capacitance as a function of
revese voltage ; typical values



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com