Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS32L Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BAS32L
Description  HIGH SPEED DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAS32L Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAS32L Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAS32L Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BAS32L Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BAS32L Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 16/01/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BAS32L
HIGH SPEED DIODE
FEATURES
•
Small hermetically-sealed glass SMD package
•
High switching speed
•
Continuous reverse voltage
•
Repetitive peak reverse voltage
•
Repetitive peak forward current
APPLICATION
•
High-Speed Switching
•
Fast Logic Applications
Absolute Maximum Ratings (Ta = 25
oC)
Parameter
Symbol
Limits
Unit
Repetitive peak reverse voltage
VRRM
75
V
Continuous reverse voltage
VR
75
V
Continuous forward current (note1)
IF
200
mA
Repetitive peak forward current
IFRM
450
mA
Non-repetitive peak forward current
Square wave, Tj = 25 ℃ prior to surge
t=1μs
t=1ms
t=1s
IFSM
4
1
0.5
A
Power dissipation
Ptot
500
mW
Junction temperature
Tj
200
OC
Storage temperature range
TS
-65 to +200
OC
Thermal resistance from junction to tie point
Rthjtp
300
K/W
Thermal resistance from junction to ambient
Rthja
350
K/W
Note 1: Device mounted on an FR4printed- circuit board.


Similar Part No. - BAS32L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
High-speed diode
1996 Sep 10
BAS32L NXP-BAS32L Datasheet
63Kb / 10P
High-speed switching diode
Rev. 05-3 January 2008
BAS32L NXP-BAS32L Datasheet
62Kb / 10P
High-speed switching diode
Rev. 06-29 October 2008
logo
Micro Commercial Compon...
BAS32L MCC-BAS32L Datasheet
459Kb / 4P
High Speed Switching Diode
logo
Shanghai Shunye Electro...
BAS32L SHUNYE-BAS32L Datasheet
168Kb / 4P
HIGH SPEED DIODE
More results

Similar Description - BAS32L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
High-speed diode
1996 Sep 03
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
High-speed diode
1998 Mar 26
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
High-speed diode
1996 Sep 10
PMBD6050,215 NXP-PMBD6050,215 Datasheet
131Kb / 10P
High-speed diode
2004 Jan 14
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
High-speed diode
LBAS516T1G LRC-LBAS516T1G_15 Datasheet
204Kb / 4P
High-speed Diode
logo
NXP Semiconductors
BAL99 PHILIPS-BAL99_15 Datasheet
129Kb / 9P
High-speed diode
2003 Dec 12
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
High-speed diode
2004 Jan 14
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
High-speed diode
2004 Jan 14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com