Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2005ISO8 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # CLC2005ISO8
Description  Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2005ISO8 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button CLC2005ISO8 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©2004-2009 CADEKA Microcircuits LLC
www.cadeka.com
6
Data Sheet
Typical Performance Characteristics
Vs = +5V, G = 2, Rf = 2kΩ, RL = 2kΩ to Vs/2; unless otherwise noted.
Non-Inverting Frequency Response Vs = +5V
Inverting Frequency Response Vs = +5V
Non-Inverting Frequency Response Vs = +2.7V
Inverting Frequency Response Vs = +2.7V
Frequency Response vs. CL
Large Signal Frequency Response
Frequency (MHz)
0.1
1
G = 10
Rf = 2kΩ
10
100
G = 5
Rf = 2kΩ
G = 1
Rf = 0
G = 2
Rf = 1kΩ
Frequency (MHz)
0.1
1
G = -10
Rf = 2kΩ
10
100
G = -5
Rf = 2kΩ
G = -2
Rf = 2kΩ
G = -1
Rf = 2kΩ
Frequency (MHz)
1
10
100
0.1
G = 10
Rf = 2kΩ
G = 5
Rf = 2kΩ
G = 1
Rf = 0
G = 2
Rf = 1kΩ
Frequency (MHz)
0.1
1
G = -10
Rf = 2kΩ
10
100
G = -5
Rf = 2kΩ
G = -2
Rf = 2kΩ
G = -1
Rf = 2kΩ
Frequency (MHz)
0.1
1
10
100
CL = 100pF
Rs = 25Ω
CL = 50pF
Rs = 33Ω
CL = 20pF
Rs = 20Ω
CL = 10pF
Rs = 0Ω
+
-
1kΩ
1kΩ
Rs
CL
RL
Frequency (MHz)
0.1
1
10
100
Vo = 1Vpp
Vo = 2Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com