Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2005ISO8 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # CLC2005ISO8
Description  Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2005ISO8 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button CLC2005ISO8 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 13Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
©2004-2009 CADEKA Microcircuits LLC
www.cadeka.com
11
Data Sheet
Figure 4: Overdrive Recovery
Driving Capacitive Loads
The
Frequency Response vs. CL plot on page 6, illustrates
the response of the CLC2005. A small series resistance
(Rs) at the output of the amplifier, illustrated in Figure 5,
will improve stability and settling performance. Rs values
in the
Frequency Response vs. CL plot were chosen to
achieve maximum bandwidth with less than 1dB of peak-
ing. For maximum flatness, use a larger Rs.
Figure 5: Typical Topology for driving a capacitive load
Layout Considerations
General layout and supply bypassing play major roles
in high frequency performance. Cadeka has evaluation
boards to use as a guide for high frequency layout and to
aid in device testing and characterization. Follow the steps
below as a basis for high frequency layout:
n
Include 6.8μF and 0.1μF ceramic capacitors
n
Place the 6.8μF capacitor within 0.75 inches of the
power pin
n
Place the 0.1μF capacitor within 0.1 inches of the
power pin
n
Remove the ground plane under and around the part,
especially near the input and output pins to reduce
parasitic capacitance
n
Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts shown in Figure 7
for more information.
When evaluating only one channel, complete the following
on the unused channel:
1. Ground the non-inverting input.
2. Short the output to the inverting input.
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of this device:
Eval Board
Description
Products
CEB006
Dual Channel, Dual Supply
8 lead SOIC
CLC2005SO8
Evaluation board schematics and layouts are shown in
Figure 6 and Figure 7.
The CEB006 evaluation board is built for dual supply
operation. Follow these steps to use the board in a single
supply application:
1. Short -Vs to ground.
2. Use C3 and C4, if the -Vs pin of the CLC2005 is
not directly connected to the ground plane.
Figure 6: Evaluation Board Schematic
Time (20ns/div)
Output
Input
RL = 2kΩ
Vin =2Vpp
G = 5
Rf = 1kΩ
+
-
Rf
Rg
Rs
CL
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com