Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2005ISO8 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CLC2005ISO8
Description  Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2005ISO8 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CLC2005ISO8 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC2005ISO8 Datasheet HTML 13Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
©2004-2009 CADEKA Microcircuits LLC
www.cadeka.com
10
Data Sheet
General Description
The CLC2005 is a single supply, general purpose, voltage-
feedback amplifier fabricated on a complementary bipolar
process using a patent pending topography. It features a
rail-to-rail output stage and is unity gain stable. Both gain
bandwidth and slew rate are insensitive to temperature.
The common mode input range extends to 300mV below
ground and to 1.2V below Vs. Exceeding these values
will not cause phase reversal. However, if the input volt-
age exceeds the rails by more than 0.5V, the input ESD
devices will begin to conduct. The output will stay at the
rail during this overdrive condition.
The design uses a Darlington output stage. The output
stage is short circuit protected and offers “soft” saturation
protection that improves recovery time.
The typical circuit schematic is shown in Figure 1.
Figure 1: Typical Configuration
At non-inverting gains other than G = +1, keep Rg below
1kΩ to minimize peaking; thus, for optimum response at a
gain of +2, a feedback resistor of 1kΩ is recommended.
Figure 2 illustrates the CLC2005 frequency response with
both 1kΩ and 2kΩ feedback resistors.
Figure 2: Frequency Response vs. Rf
Power Dissipation
The maximum internal power dissipation allowed is directly
related to the maximum junction temperature. If the
maximum junction temperature exceeds 150°C, some
reliability degradation will occur. If the maximum junction
temperature exceeds 175°C for an extended time, device
failure may occur.
The CLC2005 is short circuit protected. However, this may
not guarantee that the maximum junction temperature
(+150°C) is not exceeded under all conditions. Follow the
maximum power derating curves shown in Figure 3 to
ensure proper operation.
Figure 3: Power Derating Curves
Overdrive Recovery
For an amplifier, an overdrive condition occurs when the
output and/or input ranges are exceeded. The recovery
time varies based on whether the input or output is over-
driven and by how much the ranges are exceeded. The
CLC2005 will typically recover in less than 20ns from an
overdrive condition. Figure 4 shows the CLC2005 in an
overdriven condition.
+
-
1/2
CLC2005
Rf
0.1μF
6.8μF
Out1
+In1
+Vs
+
Rg
Frequency (MHz)
1
10
100
Rf = 2kΩ
Rf = 1kΩ
G = 2
RL = 2kΩ
Vs = +5V
Ambient Temperature ( C)
-50
-30
-10
10
30
50
70
90
0
0.5
1.0
1.5
2.0
SOIC-8 lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com