Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH104AI Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # KH104AI
Description  DC to 1.1GHz Linear Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH104AI Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  KH104AI Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH104AI Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH104AI Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH104AI Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH104AI Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH104AI Datasheet HTML 6Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATA SHEET
KH104
2
REV. 1A January 2004
PARAMETERS
CONDITIONS
TYP
MIN & MAX RATINGS
UNITS
SYM
Ambient Temperature
KH104AI
+25°C
Min
Max
FREQUENCY DOMAIN RESPONSE
¦ -3dB bandwidth
0dBm out
1100
1000
MHz
SSBW
10dBm out
1050
MHz
SSBW
¦ non-inverting gain (note 1)
@ 100MHz
14.2
13.8
14.9
dB
¦ gain flatness
DC - 750MHz
±0.4
-0.6
+0.6
dB
linear phase deviation
DC - 600MHz
1.5
3
°
LPD
group delay
600
ps
GD
reverse isolation
DC - 750MHz
40
dB
RINI
750MHz - 1100MHz
35
dB
RIIN
input return loss
DC - 750MHz
18
dB
750MHz - 1100MHz
11
dB
output return loss
DC - 750MHz
17
dB
750MHz - 1100MHz
10
dB
TIME DOMAIN RESPONSE
rise and fall time
1V step
325
375
ps
TRS
(10% to 90%)
2V step
375
450
ps
TRL
settling time to 0.8%
1V step
1.2
ns
TS
overshoot
1V step
3
%
OS
overload recovery
Vinpeak = ±0.5V
1.2
1.6
ns
OR
NOISE AND DISTORTION RESPONSE
¦ 2nd harmonic distortion
0dBm, 100MHz
47
-dBc
HD2
¦ 3rd harmonic distortion
0dBm, 100MHz
53
-dBc
HD3
¦ 2nd harmonic distortion
10dBm, 100MHz
40
30
-dBc
HD2
¦ 3rd harmonic distortion
10dBm, 100MHz
43
35
-dBc
HD3
3rd order intermolulation intercept
100MHz
26
+dBm
2-tone, 1MHz separation
500MHz
17
equivalent input noise voltage
10Hz to 1200MHz
55
dB
noise figure
11
dB
usable dynamic range
100MHz
71
dB
500MHz
65
dB
STATIC, DC PERFORMANCE
input bias current
note 2
80
280
µA
IBN
input bias current (drift)
note 2
0.6
2.0
µA/°C
IBN
output offset voltage
note 3
50
250
mV
output offset voltage (drift)
note 3
375
625
µV/°C
* supply current
no load
54
60
mA
ICC
supply rejection ratio
1KHz
55
dB
PSRR
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Absolute Maximum Ratings
Notes
VCC
±9V to ±16V
Io
±40mA
input voltage
±0.5V
junction temperature
+175°C
operating temperature
AI:
-25°C to +85°C
storage temperature
-65°C to +150°C
KH104 Electrical Characteristics (TA = +25°C, VCC = ±15V, RL = 50Ω, Rs = 50Ω; unless specified)
1. Nominal gain only - gain variation over temperature is ±0.1dB.
2. Input offset voltage = (input bias current) x (Rs || 50Ω).
3. Output offset can be adjusted to zero with an external
potentiometer – see “Reducing DC Offset”.
4. * AI 100% tested at 25°C.
¦ AI Sample tested at 25°C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com