Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH104AI Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # KH104AI
Description  DC to 1.1GHz Linear Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH104AI Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  KH104AI Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH104AI Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH104AI Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH104AI Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH104AI Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH104AI Datasheet HTML 6Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DATA SHEET
KH104
4
REV. 1A January 2004
PC Board Layout Considerations
Proper layout of printed circuit boards is important to
achieve optimum performance of a circuit operating in
the 1GHz frequency range. Use of microstripline is
recommended for all signal-carrying paths and low
resistance, low inductance signal return and bypass
paths should be used. To keep the impedance of
these paths low, use as much ground plane as possible.
Ground plane also serves to increase the flow of heat out
of the package.
The KH104 has three types of connections: signal paths
(input and output), DC inputs (supplies and offset adjust),
and grounds.
50
Ω microstrip is recommended for
connection to the input (pin 4) and output (pin 11).
Microstrip on a doublesided PC board consists of a
ground plane on one side of the board and a constant-
width signal-carrying trace on the other side of the board.
For 1/16” G10 or FR-4 PC board material, a 0.1” wide
trace will have a 50
Ω characteristic impedance. The
ground plane beneath the signal trace must extend at
least one trace width on either side of the trace. Also, all
traces (including ground) should be kept at least one
trace width from the signal carrying traces.
To keep power supply noise and oscillations from
appearing at the amplifier output, all supply pins should
be capacitively bypassed to ground.
The power
supply pins (1 and 2) are the inputs to a pair of voltage
regulators whose outputs are at pins 13 and 14. It is
recommended that 0.01
µF or larger ceramic capacitors
be connected from pins 1, 2, 13 and 14 to ground, within
0.2” of the pins. A 1
µF or larger solid tantalum capacitor
to ground is required within 3” of pins 1 and 2, and
for good low frequency performance, solid tantalum
capacitors of at least 15
µF should be connected from
pins 13 and 14 to ground within 3” of the pins.
Use
0.025” or wider traces for the supply lines. The offset
adjust pin (12) also requires bypassing; a 0.01
µF or
larger ceramic capacitor to ground within 0.2” of the pin
is recommended.
Grounding is the final layout consideration. Pins 3 and 5-
10 should all be connected to a ground plane which
should cover as much of one side of the board around
the amplifier as possible.
Reducing DC Offset
DC offset of the KH104 may be adjusted by applying a
DC voltage to the amplifier’s offset adjust pin (12). The
simplest method is shown in Figure 1. Using this method
of offset adjust it is possible to vary the output offset by
approximately ±400mV. This simple adjustment has no
effect on the offset drift characteristics of the KH104.
Figure 1: Basic Circuit
If lower offset and offset drift are required, a low frequency
op amp may be used in conjunction with the KH104 in a
composite configuration. The suggested circuit appears
in Figure 2. Its method of operation is to compare an
attenuated version of the output signal to the input signal
and apply a correcting voltage at the offset adjust pin. A
compensation capacitor Cs reduces the bandwidth of the
op amp correction circuit to limit the op amp’s effect on
the KH104 to frequencies below f45, the frequency at
which the op amp has 45dB of open loop gain. Using an
LM108, f45 is about 7Hz with Cs = 0.1µF. Thus the op
amp can correct DC and low frequency errors below f45,
without affecting KH104 performance above f45. Also
note that the noise performance of the op amp will dom-
inate below f45.
Figure 2: Composite Amplifier
With an LM108 op amp in this composite configuration,
input offset is typically 2mV and drift is 15mV/°C.
At
frequencies well below f45, the composite gain is equal
to (1 + 49.9k/(Ra + Rb)) and the output impedance is
0.01
2.2
2.2
0.01
-15V
+15V
39
0.01
Vin
Vo
4
3,5-10
12
14
13
KH104
1
2
11
Capacitance if
µF
0.01
0.01
39
Offset
Adjust
10K
-15V
+15V
Vin
Vo
4
12
KH104
LM108
K
0.01
0.01
2k
Cs
0.01
-15V
+15V
0.01
Rc
9.76k
6
7
8
4
2
3
11
49.9k
Ra
11.8k
Rb
1k
RL
50
Ω
Capacitance in
µF
Rc = (Ra + Rb ) || 49.9k



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com