Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH104AI Datasheet (PDF) - Cadeka Microcircuits LLC.

KH104AI Datasheet PDF - Cadeka Microcircuits LLC.
Part # KH104AI
Download  KH104AI Download
File Size   323.38 Kbytes
Page   6 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description DC to 1.1GHz Linear Amplifier

KH104AI Datasheet (PDF)

Go To PDF Page Download Datasheet
KH104AI Datasheet PDF - Cadeka Microcircuits LLC.

Part # KH104AI
Download  KH104AI Click to download

File Size   323.38 Kbytes
Page   6 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description DC to 1.1GHz Linear Amplifier

KH104AI Datasheet (HTML) - Cadeka Microcircuits LLC.


KH104AI Product details

General Description
The KH104 linear amplifier represents a significant advance in linear amplifiers. Proprietary design techniques have yielded an amplifier with 14dB of gain and a -3dB bandwidth of DC to 1100MHz. Gain flatness to 750MHz of ±0.4dB coupled with excellent VSWR and phase linearity gives outstanding pulse fidelity and low signal distortion.

Features
■ -3dB bandwidth of 1.1GHz
■ 325psec rise and fall times
■ 14dB gain, 50Ω input and output
■ Low distortion, linear phase
■ 1.4:1 VSWR (output, DC-1.1GHz)
■ Direct replacement for CLC104

Applications
■ Digital and wideband analog communications
■ Radar, IF and RF processors
■ Fiber optic drivers and receivers
■ Photomultiplier preamplifiers




Similar Part No. - KH104AI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH104 FAIRCHILD-KH104 Datasheet
268Kb / 6P
DC to 1.1GHz Linear Amplifier
More results


Similar Description - KH104AI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB8825 SAMSUNG-KB8825 Datasheet
606Kb / 21P
1.1GHZ DUAL PLL
S1T8825 SAMSUNG-S1T8825 Datasheet
120Kb / 16P
1.1GHZ DUAL PLL
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
Micrel Semiconductor
MICRF500 MICREL-MICRF500 Datasheet
143Kb / 18P
700MHz to 1.1GHz RadioWire RF Transceiver
logo
List of Unclassifed Man...
SPT104 ETC1-SPT104 Datasheet
98Kb / 6P
DC TO 1.1GHz LINEAR AMPLIFIER
logo
ANADIGICS, Inc
ADA1200 ANADIGICS-ADA1200_12 Datasheet
413Kb / 12P
Linear Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-53589 AVAGO-MGA-53589_15 Datasheet
688Kb / 16P
50MHz to 3GHz High Linear Amplifier
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
1.1GHz PLL Frequency Synthesizers
logo
Fairchild Semiconductor
KH104 FAIRCHILD-KH104 Datasheet
268Kb / 6P
DC to 1.1GHz Linear Amplifier
logo
Renesas Technology Corp
F1420 RENESAS-F1420 Datasheet
2Mb / 20P
RF Amplifier 700MHz to 1.1GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com