Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH205AM Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # KH205AM
Description  Overdrive-Protected Wideband Op Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH205AM Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  KH205AM Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
KH205
DATA SHEET
REV. 1A January 2004
5
Figure 4: Active Current Limit Circuit (50mA)
Controlling Bandwidth and Passband Response
In most applications, a feedback resistor value of 2k
Ω
will provide optimum performance; nonetheless, some
applications may require a resistor of some other value.
The response versus Rf plot on the previous page shows
how decreasing Rf will increase bandwidth (and frequency
response peaking, which may lead to instability).
Conversely, large values of feedback resistance tend to
roll off the response.
The best settling time performance requires the use of an
external feedback resistor (use of the internal resistor
results in a 0.1% to 0.2% settling tail). The settling
performance may be improved slightly by adding a
capacitance of 0.4pF in parallel with the feedback
resistor (settling time specifications reflect performance
with an external feedback resistor but with no external
capacitance).
Noise Analysis
Approximate noise figure can be determined for the
KH205 using the Equivalent Input Noise plot on page 3
and the equations shown below.
kT = 4.00 x 10-21 Joules at 290°K
Vn is spot noise voltage (V/√Hz)
in is non-inverting spot noise current (A/√Hz)
ii is inverting spot noise current (A/√Hz)
Figure 5: Noise Figure Diagram and Equations
(Noise Figure is for the Network Inside this Box.)
Driving Cables and Capacitive Loads
When driving cables, double termination is used to
prevent reflections. For capacitive load applications, a
small series resistor at the output of the KH205 will
improve stability and settling performance.
Transmission Line Matching
One method for matching the characteristic impedance
(Zo) of a transmission line or cable is to place the
appropriate resistor at the input or output of the amplifier.
Figure 6 shows typical inverting and non-inverting circuit
configurations for matching transmission lines.
Figure 6: Transmission Line Matching
Non-inverting gain applications:
s Connect R
g directly to ground.
s Make R
1, R2, R6, and R7 equal to Zo.
s Use R
3 to isolate the amplifier from reactive
loading caused by the transmission line,
or by parasitics.
Inverting gain applications:
s Connect R
3 directly to ground.
s Make the resistors R
4, R6, and R7 equal to Zo.
s Make R
5 II Rg = Zo.
The input and output matching resistors attenuate the
signal by a factor of 2, therefore additional gain is needed.
Use C6 to match the output transmission line over a
greater frequency range. C6 compensates for the increase
of the amplifier’s output impedance with frequency.
Dynamic Range (Intermods)
For RF applications, the KH205 specifies a third
order intercept of 30dBm at 60MHz and Po = 10dBm.
A 2-Tone, 3rd Order IMD Intercept plot is found in
the Typical Performance Characteristics section.
The output power level is taken at the load. Third-order
harmonic
distortion
is
calculated
with
the
formula:
HD3rd = 2 • (IP3o – Po)
Rs
Rn
Ro
Rf
Rg
KH205
+
-
F
R
R
R
kT
i
V
R
Ri
RA
where R
RR
RR
A
R
R
s
n
s
n
n
p
f
i
pv
p
sn
sn
v
f
g
=+
+
⋅
+
+
=
+
=+
10
1
4
1
2
2
2
22
22
log
;
Q3
(2N3906)
Rx
14.3k
Ω
Q4
(2N3904)
0.01
ΩF
0.01
ΩF
+Vcc
Rc
12
Ω
Q1
(MJE170)
Q2
(MJE180)
Rc
12
Ω
-Vcc
to pin 10
to pin 12
K
KH205
+
-
R3
Z0
R6
Vo
Z0
R1
R2
+
-
Rg
Z0
R4
R5
V1
V2 +-
Rf
C6
R7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com