Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH205AM Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # KH205AM
Description  Overdrive-Protected Wideband Op Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH205AM Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

  KH205AM Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DATA SHEET
KH205
6
REV. 1A January 2004
where:
s IP3
o = third-order output intercept, dBm at
the load.
s P
o = output power level, dBm at the load.
s HD3rd = third-order distortion from the
fundamental, -dBc.
s dBm is the power in mW, at the load,
expressed in dB.
Realized
third-order
output
distortion
is
highly
dependent upon the external circuit.
Some of the
common external circuit choices that improve 3rd order
distortion are:
s short and equal return paths from the load
to the supplies.
s de-coupling capacitors of the correct value.
s higher load resistance.
s a lower ratio of the output swing to the
power supply voltage.
Printed Circuit Layout
As with any high frequency device, a good PCB layout
will enhance the performance of the KH205. Good
ground plane construction and power supply bypassing
close to the package are critical to achieving full perfor-
mance. In the non-inverting configuration, the amplifier is
sensitive to stray capacitance to ground at the inverting
input. Hence, the inverting node connections should be
small with minimal stray capacitance to the ground plane
or other nodes. Shunt capacitance across the feedback
resistor should not be used to compensate for this effect.
General layout and supply bypassing play major roles in
high frequency performance. Follow the steps below as
a basis for high frequency layout:
s Include 6.8µF tantalum and 0.1µF ceramic
capacitors on both supplies.
s Place the 6.8µF capacitors within 0.75
inches of the power pins.
s Place the 0.1µF capacitors less than 0.1
inches from the power pins.
s Remove the ground plane under and
around the part, especially near the input
and output pins to reduce parasitic
capacitance.
s Minimize all trace lengths to reduce series
inductances.
s Use flush-mount printed circuit board pins
for prototyping, never use high profile DIP
sockets.
Evaluation PC boards (part number 730008 for inverting,
730009 for non-inverting) for the KH205 are available to
aid in device testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com