Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH205AM Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # KH205AM
Description  Overdrive-Protected Wideband Op Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH205AM Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  KH205AM Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH205AM Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
s -3dB bandwidth of 170MHz
s 0.1% settling in 22ns
s Complete overdrive protection
s Low power: 570mW (190mW at ±5V)
s 3MΩ input resistance
s Output may be current limited
s Direct replacement for CLC205
Applications
s Fast, precision A/D conversion
s Automatic test equipment
s Input/output amplifiers
s Photodiode, CCD preamps
s IF processors
s High-speed modems, radios
s Line drivers
General Description
The KH205 is a wideband overdrive-protected opera-
tional amplifier designed for applications needing
both speed and low power operation.
Utilizing a
well-established current feedback architecture, the
KH205 exhibits performance far beyond that of
conventional voltage feedback op amps. For example,
the KH205 has a bandwidth of 170MHz at a gain of
+20 and settles to 0.1% in 22ns. Plus, the KH205 has
a combination of important features not found in
other high-speed op amps.
For example, the KH205 has been designed to consume
little power – 570mW at ±15V supplies. The result is
lower power supply requirements and less system-
level heat dissipation. In addition, the device can be
operated on supply voltages as low as ±5V for even
lower power dissipation.
Complete overdrive protection has been designed
into the part. This is critical for applications, such as
ATE and instrumentation, which require protection
from signal levels high enough to cause saturation of
the amplifier. This feature allows the output of the
op amp to be protected against short circuits using
techniques developed for low-speed op amps. With
this capability, even the fastest signal sources can
feature effective short circuit protection.
The KH205 is constructed using thin film resistor/bipolar
transistor technology, and is available in the following
versions:
KH205AI
-25°C to +85°C
12-pin TO-8 can
KH205AK
-55°C to +125°C
12-pin TO-8 can, features
burn-in & hermetic testing
KH205AM
-55°C to +125°C
12-pin TO-8 can,
environmentally
screened and electrically
tested to MIL-STD-883
KH205HXC
-55°C to +125°C
SMD#: 5962-9083501HXC
KH205HXA
-55°C to +125°C
SMD#: 5962-9083501HXA
KH205
Overdrive-Protected Wideband Op Amp
REV. 1A January 2004
Large Signal Pulse Response
Time (5ns/div)
2
Av = +20
Av = -20
Supply
Voltage
2000
Ω
8
R
f
7
GND
9
-V
CC
2
NC
3
GND
1
+V
CC
6
V+
5
V-
4
NC
10
-V
CC
V
o
+V
CC
11
12
6
6
Collector
Supply
Output
Collector
Supply
Supply
Voltage
Internal
Feedback
Not Connected
Case
ground
Non-Inverting
Input
Inverting
Input
Not
Connected
Case and
bias ground
+
-
Bottom View
Pin 8 provides access to a 2000
Ω feed-
back resistor which can be connected to
the output or left open if an external feed-
back resistor is desired.
Typical Performance
Gain Setting
Parameter
+7
+20 +50
-1
-20 -50
Units
-3dB bandwidth
220 170
80 220 130 80
MHz
rise time
1.7
2.2
4.7 1.7
2.9 4.7
ns
slew rate
2.4
2.4
2.4 2.4
2.4 2.4
V/ns
settling time (to 0.1%)
22
22
20
21
20
19
ns
www.cadeka.com


Similar Part No. - KH205AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH205 FAIRCHILD-KH205 Datasheet
125Kb / 7P
Overdrive-Protected Wideband Op Amp
More results

Similar Description - KH205AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC206 NSC-CLC206 Datasheet
362Kb / 6P
Overdrive-Protected Wideband Op Amp
logo
Fairchild Semiconductor
KH206 FAIRCHILD-KH206 Datasheet
350Kb / 5P
Overdrive-Protected Wideband Op Amp
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
Fast Settling Wideband Op Amp
KH205 FAIRCHILD-KH205 Datasheet
125Kb / 7P
Overdrive-Protected Wideband Op Amp
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH206 CADEKA-KH206 Datasheet
415Kb / 5P
Overdrive-Protected Wideband Op Amp
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
Low Distortion Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840_15 Datasheet
420Kb / 8P
Wideband, Fast Settling Op Amp
REV. C
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
Dual Wideband Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com