Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH600AI Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # KH600AI
Description  1GHz, Differential Input/Output Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH600AI Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button KH600AI Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 9Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 10Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 11Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 12Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DATA SHEET
KH600
8
REV. 2 January 2004
Figure 5: Gain with Single-Ended Input Applied to IN1
Supply Current
The KH600 draws supply current from the 2 Vs pins as well
as the 3 Vb pins. Under Standard Conditions, the total supply
current is typically 89mA. Changing the voltages on the bias
voltage pins will change their respective supply currents as
shown in Figures 6 and 7
.
Figure 6: Vb Supply Currents vs. +Vb1
Changing the voltage on the +Vb1 pin will alter the supply
current for +Vb1 only, +Vb2 and -Vb stay constant at typically
11mA and 22mA respectively. See Figure 6. The same principle
applies for +Vb2. And Figure 7 illustrates the effect of
changing -Vb.
Figure 7: Vb Supply Currents vs -Vb
Power Dissipation
The KH600 runs at “constant” power, which may be calculated
by (Total Is)(Vs – (-Vs)). Under standard operating conditions,
the power is 890mW. The power dissipated in the package is
completely constant, independent of signal level. In other
words, the KH600 runs class A.
Power Supply Rejection Ratio (PSRR)
The KH600 has 5 supply pins, +Vs, -Vs, +Vb1, +Vb2, and
-Vb. All of these sources must be considered when measuring
the PSRR. Figure 8 shows the response of +Vs and -Vs,
looking at OUT2. +Vs and -Vs have the same effect on OUT1.
Figure 8: ±Vs PSRR
Figure 9 shows the response of OUT1 and OUT2 when +Vb1
changes. The PSRR of the Vb pins is “bad”, which means
that they have a large effect on the response of the KH600
when their voltages are changed. This is the desired effect of
the bias voltage pins. As Figure 9 indicates, changing +Vb1
has a greater effect on OUT1 than it does on OUT2.
Changing +Vb1 has a direct effect on OUT1. Changing +Vb2
has a direct effect on OUT2. See the Trimming Differential
Output Offset Voltage section for more details.
Figure 9: +Vb PSRR
12
0
2
4
6
8
10
Frequency (Hz)
1M
100M
1G
10M
OUT2
OUT1
25
15
10
-5
+Vb1 (V)
02
6
8
4
5
0
20
-25
-15
-10
5
-5
0
-20
-Vb
+Vb2
+Vb1
pply Currents vs. -Vb
40
25
20
0
-Vb (V)
0
-2
-6
-8
-4
10
5
30
+Vb1 , +Vb2
-Vb
15
35
-40
-25
-20
0
-10
-5
-30
-15
-35
-140
-120
-100
-80
-60
-40
-20
Frequency (Hz)
100k
1M
100M
1G
10M
+Vs
-Vs
±V
b = ±5V
0
-140
-120
-100
-80
-60
-40
-20
Frequency (Hz)
100k
1M
100M
1G
10M
OUT1
OUT2
±V
s = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com