Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH600AI Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # KH600AI
Description  1GHz, Differential Input/Output Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH600AI Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button KH600AI Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 9Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 10Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 11Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 12Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 13Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DATA SHEET
KH600
10
REV. 2 January 2004
Figure 14: Harmonic Distortion vs. Total Is
Trimming Differential Output Offset Voltage
Vary +Vb1 and +Vb2 to adjust differential offset voltage.
+Vb1 controls OUT1 and +Vb2 controls OUT2. The output
voltage moves in a direction opposite to the direction of the
bias voltage. Figure 15 shows the resulting voltage change at
OUT1 and OUT2 when the voltage on +Vb1 is changed.
Figure 16 shows the resulting voltage change at OUT1 and
OUT2 when the voltage on +Vb2 is changed. OUT1 and
OUT2 change at the same rate when -Vb is changed, as
shown in Figure 17. Therefore, changing the voltage on -Vb
has no effect on differential output offset voltage.
Figure 15: Output vs. +Vb1
Figure 16: Output vs. +Vb2
Figure 17: Output vs. -Vb
Adjusting Common Mode Output
Offset Voltage
Short +Vb1 to +Vb2 and vary +Vb and -Vb to adjust common
mode output offset voltage. The recommended values for
achieving a given output offset are shown in Figure 18. These
values were chosen to give the best distortion performance.
The exact values are not crucial.
Figure 18: Vb vs. Common Mode Voltage
For common mode voltages of 0 to -3.5V swap the Vb’s and
change the polarity. See the example below.
Figures 19 and 20 illustrate how the common mode voltage
effects harmonic distortion. Figure 21 shows the resulting Is
and -Is supply currents.
Pay close attention to your peak-to-peak output voltage
requirement. As you change the common mode voltage, you
may need to increase or shift ±Vs in order to achieve your
output requirements. A 2V margin is recommended. For
example, if your output requirement is 5Vpp and you will be
800
400
200
0
-600
+Vb2 (V)
02
6
8
4
-200
-400
600
OUT2
OUT1
800
400
200
0
-600
-Vb (V)
-8
-6
-2
0
-4
-200
-400
600
OUT1, OUT2
6
-12
-10
-8
-6
-4
-2
0
2
4
Common Mode Voltage (V)
01
3
4
2
-Vb
+Vb1, +Vb2
+Vs = +7.5V
-Vs = -3.5V
800
400
200
0
-600
+Vb1 (V)
02
6
8
4
-200
-400
600
OUT1
OUT2
-10
-50
-60
-70
-20
-30
-40
-80
-90
-100
Total Supply Current (mA)
40
60
100
140
80
120
3rd
2nd
5Vpp @ 50MHz
Desired Common
+Vb1 and +Vb2 (V)
-Vb (V)
Mode Voltage
2 Volts
2
-8
-2 Volts
8
-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com