Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH600AI Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # KH600AI
Description  1GHz, Differential Input/Output Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH600AI Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  KH600AI Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH600AI Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DATA SHEET
KH600
2
REV. 2 January 2004
Absolute Maximum Ratings
Parameter
Min.
Max.
Unit
Total Supply Voltage
–
15
V
Maximum Junction Temperature
–
+150
°C
Storage Temperature Range
-65
+150
°C
Lead Temperature, 10 seconds
–
+300
°C
Pin Definitions
Pin Number
Pin Name
Pin Function Description
6, 10
+Vs
Positive supply voltage
8-Vs
Negative supply voltage
11
+Vb1
Positive bias voltage for OUT1
5+Vb2
Positive bias voltage for OUT2
2-Vb
Negative bias voltage for OUT1 and OUT2
1
IN1
Input 1, +IN
3
IN2
Input 2, -IN
9
OUT1
Output 1, +OUT
7
OUT2
Output 2, -OUT
4, 12
GND
Input termination ground and case
6
5
4
3
2
1
12
11
10
9
8
7
GND
GND
+Vb1
+Vs
+Vs
+Vb2
-Vs
-Vb
-In
+In
+OUT
-OUT
TOP VIEW
12-pin TO8
NOTE: Case is grounded.
Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com