Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH561AK/AM Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # KH561AK/AM
Description  Wideband, Low Distortion Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH561AK/AM Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button KH561AK/AM Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 9Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DATA SHEET
KH561
6
REV. 1A January 2004
SUMMARY DESIGN EQUATIONS AND DEFINITIONS
KH561 Description of Operation
Looking at the circuit of Figure 1 (the topology and
resistor values used in setting the data sheet specifica-
tions), the KH561 appears to bear a strong external
resemblance to a classical op amp. As shown in the
simplified block diagram of Figure 2, however, it differs in
several key areas. Principally, the error signal is a
current into the inverting input (current feedback) and the
forward gain from this current to the output is relatively
low, but very well controlled, current gain. The KH561
has been intentionally designed to have a low internal
gain and a current mode output in order that an equivalent
output impedance can be achieved without the series
matching resistor more commonly required of low output
impedance op amps. Many of the benefits of a high loop
gain have, however, been retained through a very careful
control of the KH561’s internal characteristics.
The feedback and gain setting resistors determine both
the output impedance and the gain. Rf predominately
sets the output impedance (Ro), while Rg predominately
determines the no load gain (Av). solving for the required
Rf and Rg, given a desired Ro and Av, yields the design
equations shown below. Conversely, given an Rf and Rg,
the performance equations show that both Rf and Rg play
a part in setting Ro and Av. Independent Ro and Av
adjustment would be possible if the inverting input imped-
ance (Ri) were 0 but, with Ri = 14Ω as shown in the
specification listing, independent gain and output imped-
ance setting is not directly possible.
Figure 1: Test Circuit
Design Equations
Performance Equations
Simplified Circuit Description
Looking at the KH561’s simplified schematic in Figure 2,
the amplifier’s operation may be described. Going from
the non-inverting input at pin 8 to the inverting input at pin
18, transistors Q1 – Q4 act as an open loop unity gain
buffer forcing the inverting node voltage to follow the non-
inverting voltage input.
Transistors Q3 and Q4 also act as a low impedance (14
Ω
looking into pin 18) path for the feedback error current.
This current, (ierr), flows through those transistors into a
very well defined current mirror having a gain of 10 from
this error current to the output. The current mirror outputs
act as the amplifier output.
The input stage bias currents are supply voltage inde-
pendent. Since these set the bias level for the whole
Rf – Feedback resistor
from output to inverting
input
Rg – Gain setting
resistor from inverting
input to ground
Cx – External
compensation capacitor
from output to
pin 19 (in pF)
Where:
Ro – Desired equivalent output impedance
Av – Non-inverting input to output voltage
gain with no load
G – Internal current gain from inverting input
to output = 10 ±1%
Ri – Internal inverting input impedance = 14Ω ±%5
Rs – Non-inverting input termination resistor
RL – Load resistor
AL – Voltage gain from non-inverting input to
load resistor
RG 1 R
A R
R
RR
A1
C
1
R
300 1
2
R
0.08
f
ov i
g
f
o
v
x
o
g
=+
()
−
=
−
−
=
−
−
6.8
µF
.1
µF
-VCC (-15)
410
Ω
Rg
40
Ω
5,10,15,
20
Rf
21
KH561
+
-
18
Rs
50
Ω
8
Vi
(Pi)
RL
50
Ω
Vo
(Po)
Ro
4
19
+VCC (+15)
.1
µF
6.8
µF
+
+
Cx
23
10.5pF
Resistor Values
shown result in:
Ro = 50Ω
Av = +10
(no-load gain)
AL = +5 [14dB]
(gain to 50
Ω load)
K
RG 1 R
A R
R
RR
A1
f
ov i
g
f
o
v
=+
()
−
=
−
−
R
RR 1
R
R
G1
R
R
A1
R
R
G
R
R
G1
R
R
o
f
i
f
g
i
g
v
f
g
i
f
i
g
=
++
++
=+
−
++
Where:
G
≡ forward current gain
(=10)
Ri ≡ inverting node input
resistance (=14
Ω)
Ro ≡ desired output
impedance
Av ≡ desired non-
inverting voltage
gain with no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com