Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH561AK/AM Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # KH561AK/AM
Description  Wideband, Low Distortion Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH561AK/AM Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button KH561AK/AM Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 9Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 10Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 11Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 12Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 13Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
KH561
DATA SHEET
REV. 1A January 2004
9
With this total value derived, the required external Cx is
developed by backing out the effect of the internal 10pF.
This, and an expression for the external Cx without the
intermediate steps are shown below.
The plot in Figure 6 shows the required Cx vs. gain for
several desired output impedances using the equations
shown above. Note that for lower Ro’s, Cx can get very
large. But, since the total compensation is actually the
series combination of Cx and 10pF, going to very high
Cx’s is increasingly ineffective as the total compensation
is only slightly changed. This, in part, sets the lower
limits on allowable Ro.
Figure 6: External Compensation Capacitance (Cx)
A 0% small signal overshoot response can be achieved
by increasing Cx slightly from the maximally flat value.
Note that this applies only for small signals due to slew
rate effects coming into play for large, fast edge rates.
Beyond the nominal compensation values developed
thus far, this external Cx provides a very flexible means
for tailoring the frequency response under a wide variety
of gain and loading conditions. It is oftentimes useful to
use a small adjustable cap in development to determine
a Cx suitable to the application, then fixing that value for
production. An excellent 5pF to 20pF trimmer cap for this
is a Sprague-Goodman part #GKX20000.
When the KH561 is used to drive a capacitive load, such
as an ADC or SAW device, the load will act to compen-
sate the response along with Cx. Generally, considerably
lower Cx values are required than the earlier develop-
ment would indicate. This is advantageous in that a low
Ro would be desired to drive a capacitive load which,
without the compensating effect of load itself, would
otherwise require very large Cx values.
Gain and Output Impedance Range
Figure 7 shows a plot of the recommended gain and
output impedances for the KH561. Operation outside of
this region is certainly possible with some degradation in
performance. Several factors contribute to set this range.
At very low output impedances, the required value of
feedback resistor becomes so low as to excessively load
the output causing a rapid degradation in distortion.
The maximum Ro was set somewhat arbitrarily at 200Ω.
This allows the KH561 to drive into a 2:1 step down
transformer matching to a 50
Ω load. (This offers
some advantages from a distortion standpoint. See Kota
Application Note KAN-01 for details.)
Figure 7: Recommended Gain and
Output Impedance Range
For a given Ro, the minimum gain shown in Figure 7 has
been set to keep the equivalent input noise voltage less
than 4nV/
√Hz. Generally, the equivalent input noise volt-
age decreases with higher signal gains. The high gain
limit has been set by targeting a minimum Rg of 10Ω or a
minimum Rf of 100Ω.
Amplifier Configurations
The KH561 is intended for a fixed, non-inverting, gain
configuration as shown in Figure 1. The KH560 offers
the better pulse fidelity with its improved thermal tail in
the pulse response (vs. the KH561).
Due to its low
internal forward gain, the inverting node does not present
a low impedance, or virtual ground, node. Hence, in an
inverting configuration, the signal’s source impedance
will see a finite load whose value depends on the output
loading. Inverting mode operation can be best achieved
using a wideband, unity gain buffer with low output
impedance, to isolate the source from this varying load.
A DC level can, however, be summed into the inverting
node to offset the output either for offset correction
or signal conditioning.
Accuracy Calculations
Several factors contribute to limit the achievable KH561
accuracy. These include the DC errors, noise effects,
and the impact internal amplifier characteristics have on
the signal gain.
Both the output DC error and noise
model may be developed using the equivalent model of
Figure 5. Generally, non-inverting input errors show up
C
10 C
10
C
or
C
1
R
300 1
2
R
0.08
pF
x
t
t
x
o
g
=
−
=
−
−
No Load Voltage Gain
K
0
2
4
6
8
10
12
14
16
18
20
5
10
15
20
25
30
35
40
45
50
55
Maximally Flat Response
into a Matched Load
Ro = 50Ω
Ro = 75Ω
Ro = 100Ω
Output Impedance (
Ω)
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80 100 120 140 160 180 200
Low Rf or Rg Region
Recommended
Region
High Noise Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com