Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH561AK/AM Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # KH561AK/AM
Description  Wideband, Low Distortion Driver Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH561AK/AM Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  KH561AK/AM Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH561AK/AM Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
KH561
DATA SHEET
REV. 1A January 2004
3
PARAMETERS
CONDITIONS
TYP
MIN & MAX RATINGS
UNITS
SYM
Case Temperature
KH561AI
+25°C
-25°C
+25°C
+85°C
Case Temperature
KH561AK/AM
+25°C
-55°C
+25°C
+125°C
TIME DOMAIN RESPONSE (0% Overshoot Compensation)
rise and fall time
2V step
1.5
<2.0
<1.9
<2.0
ns
TRS
10V step
2.4
<2.8
<2.8
<3.4
ns
TRL
settling time to 0.5% (time <1
µs)
5V step
7
<12
<12
<15
ns
TS
long term thermal tail (time >1
µs)
5V step
1.5
<2.0
<2.0
<2.0
%
SE
slew rate
10Vpp, 175MHz
3300
>3000
>2900
>2500
V/
µsSR
overshoot
2V step
maximally flat compensation
5
<13
<10
<13
%
OSMF
0% overshoot compensation
0
<5
<3
<5
%
OSZO
EQUIVALENT INPUT NOISE
voltage
>100KHz
2.1
<2.5
<2.5
<2.5
nV/
√Hz
VN
inverting current
>100KHz
34
<40
<40
<45
pA/
√Hz
ICN
non-inverting current
>100KHz
2.8
<4.5
<4.5
<5.0
pA/
√Hz
NCN
noise floor
>100KHz
-159
<-157
<-157
<-157
dBm/(1Hz)
SNF
integrated noise
1kHz to 200MHz
35
<45
<45
<45
µV
INV
noise figure
>100KHz
15
<17
<17
<17
dB
NF
STATIC, DC PERFORMANCE
* input offset voltage
2.0
<14.0
<5.0
<15.0
mV
VIO
average temperature coefficient
35
<100
–
<100
µV/°C
DVIO
* non-inverting bias current
5.0
<35
<20
<20
µA
IBN
average temperature coefficient
20
<175
–
<100
nA/°C
DIBN
* inverting bias current
10.0
<50
<30
<50
µA
IBI
average temperature coefficient
100
<200
–
<200
nA/°C
DIBI
* power supply rejection ratio (DC)
57
>54
>54
>52
dB
PSRR
* supply current
no load
50
<60
<60
<65
mA
ICC
MISCELLANEOUS PERFORMANCE
open loop current gain
(±2% tolerance)
10.0
–
–
–
mA/mA
G
average temperature coefficient
+0.02
<+.03
–
<+.02
%/°C
DG
inverting input resistance
(±5% tolerance)
14.0
–
–
–
Ω
RIN
average temperature coefficient
+.02
<+.025
–
<+.025
Ω/°C
DRIN
non-inverting input resistance
700
>200
>400
>400
K
Ω
RNI
non-inverting input capacitance
to 100MHz
2.7
<3.5
<3.5
<3.5
pF
CNI
output voltage range
150mA load current
±10.5
–
>±10.0
–
V
VO
output current limit
210
<250
<250
<250
mA
OCL
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Absolute Maximum Ratings
Recommended Operating Conditions
VCC (reversed supplies will destroy part)
±20V
VCC
±10V to ±15V
differential input voltage
±3V
Io
≤ ±200mA
common mode input voltage
±VCC
common mode input voltage
< ±(|VCC| -6)V
junction temperature (see thermal model)
+175°C
output impedance
25
Ω to 200Ω
storage temperature
-65°C to +150°C
gain range (no-load voltage gain)
+5 to +80
lead temperature (soldering 10s)
+300°C
case temperature: AI
-25°C to +85°C
output current (internally limited)
±250mA
AK/AM
-55°C to +125°C
Notes
1) *
AI, AK, AM 100% tested at +25°C
¦ AK, AM
100% tested at at +25°C and sample tested
at -55°C and +125°C
¦ AI
sample tested at +25°C
2) Test Tones are set ±100kHz of indicated frequency.
KH561 Electrical Characteristics (Av = +10V, VCC = ±15V, RL = 50Ω, Rf = 410Ω, Rg = 40Ω, Ro = 50Ω; unless specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com