Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1832 Datasheet(PDF) 5 Page - A1 PROs co., Ltd.

Part # IMP1832
Description  3..3V 關P Power Supplly Moniittor and Ressett Ciircuiitt
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1832 Datasheet(HTML) 5 Page - A1 PROs co., Ltd.

  IMP1832 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 7Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Watchdog Timer and ST Input
A watchdog timer stops and restarts a microprocessor that is
“hung-up”. Through the time delay input, TD, three watchdog
time-out periods are selectable: 150ms, 610ms and 1,200ms. If the
strobe input, ST, is not strobed LOW prior to timeout, reset signals
become active. On power-up or after the supply voltage returns to
an in-tolerance condition, the reset signal remains active for
250ms minimum, allowing the power supply and system micro-
processor to stabilize.
ST Pulses as short as 20ns can be detected.
Figure 5. Timing Diagram: Strobe Input
RESET
ST
Valid
Strobe
Valid
Strobe
Invalid
Strobe
tRST
tST
Note: ST is ignored whenever a reset is active.
tTD
(Min)
tTD
(Max)
1832_08.eps
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
5
IMP1
IMP1832
832
Application Information
Figure 6. Application Circuit: Watchdog Timer
A HIGH-to-LOW ST signal transition must be regularly issued
no later than the minimum time-out period defined by the state of
the TD signal. This guarantees the watchdog timer does not
time-out.
Timeouts periods of approximately 150ms, 610ms or 1,200ms are
selected through the TD pin.
1832_06.eps
PBRST
Supply
Voltage
1
VCC
TD
2
ST
TOL
IMP1832
mP
Decoder
3
4
RESET
GND
8
7
6
5
RESET
MREQ
Address
Bus
RESET
l
e
v
e
L
e
g
a
t
l
o
V
D
T
)
s
m
(
d
o
i
r
e
P
t
u
O
-
e
m
i
T
g
o
d
h
c
t
a
W
n
i
Ml
a
n
i
m
o
Nx
a
M
D
N
G5
.
2
60
5
10
5
2
g
n
i
t
a
o
l
F0
5
20
1
60
0
0
1
V C
C
0
0
50
0
2
10
0
0
2
s
p
e
.
3
0
t
_
2
3
8
1
The watchdog timer can not be disabled. It must be strobed with
a high-to-low transition to avoid a watchdog timeout and reset.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com