Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1832 Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # IMP1832
Description  3..3V 關P Power Supplly Moniittor and Ressett Ciircuiitt
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1832 Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  IMP1832 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 7Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Also included is a watchdog timer to stop and restart a
microprocessor that is “hung-up”. Three watchdog time-
out periods are selectable: 150ms, 610ms and 1,200ms. If the
ST input is not strobed LOW before the time-out period
expires, a reset is issued.
Devices are available in 8-pin DIP, 8-pin SO and compact
8-pin MicroSO packages.
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
1
Key Features
x
Pin compatible with the Dallas Semiconductor
DS1832
— Over 40% lower supply current
x
3.3V supply monitor
x
Push-pull output
x
Selectable watchdog period
x
Debounce manual push-button reset input
x
Precision temperature-compensated voltage
reference and comparator
x
Power-up, power-down and brownout detection
x
250ms minimum reset time
x
Active LOW and HIGH reset signal
x
Selectable trip point tolerance: 10% or 20%
x
Low-cost 8-pin DIP/SO and 8-pin MicroSO
packages
x
Wide operating temperature – 40
°C to +85°C
Block Diagram
VCC
RESET
PBRST
1
1832_02.eps
40k
9
TOL
IMP1832
3
VCC
+
10%/20% Tolerance
Selection
Reference
VCC
8
6
TD
Push Button
Debounce
2
Watchdog
Timebase Selection
GND
4
Reset &
Watchdog Timer
ST
7
Watchdog
Transition Detector
VCC
RESET
5
IMP1
IMP1832
832
POWER MANAGEMENT
3.3V
3.3V µ
µP P
P Po
ow
wer Suppl
er Supplyy
Monit
Monitor and R
or and Reset Cir
eset Circuit
cuit
– Select
– Selectable T
able Trriip
p-P
-Point T
oint Toler
olerance and
ance and
W
Watc
atchdog P
hdog Per
eriod
iod
– Push-Butt
– Push-Button R
on Reset
eset
– Push-Pull R
– Push-Pull Reset Outputs
eset Outputs
The IMP1832 microprocessor supervisor can halt and restart a “hung-
up” or “stalled” microprocessor, restart a microprocessor after a power
failure, and debounce a manual push-button microprocessor reset
switch. The IMP1832 features over 40% lower supply current than the
pin compatible Dallas Semiconductor DS1832.
Precision temperature compensated reference and comparator circuits
monitor the 3.3V, VCC input voltage. During power-up or when the VCC
power supply falls outside selectable tolerance limits, both RESET and
RESET become active. When VCC rises above the threshold voltage, the
reset signals remain active for an additional 250ms minimum, allowing
the power supply and system microprocessor to stabilize. The trip point
tolerance signal, TOL, selects the trip level tolerance to be either 10- or
20-percent.
RESET and RESET outputs are push-pull.
A debounced manual reset input, PBRST, activates the reset outputs for
a minimum period of 250ms.


Similar Part No. - IMP1832

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP1832 IMP-IMP1832 Datasheet
109Kb / 7P
3.3V 關P Power Suppl Monitor and Reset Circuit
IMP1832S IMP-IMP1832S Datasheet
109Kb / 7P
3.3V 關P Power Suppl Monitor and Reset Circuit
IMP1832SEMA IMP-IMP1832SEMA Datasheet
109Kb / 7P
3.3V 關P Power Suppl Monitor and Reset Circuit
More results

Similar Description - IMP1832

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC803 IMPALA-ILC803 Datasheet
80Kb / 5P
3-PIN 關P VOLTAGE MONITOR
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX706 MAXIM-MAX706 Datasheet
425Kb / 12P
3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
MAX814 MAXIM-MAX814 Datasheet
111Kb / 16P
짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Rev 0; 6/95
logo
A1 PROs co., Ltd.
IMP1834 A1PROS-IMP1834 Datasheet
247Kb / 8P
Duall 5V and 3..3V mP Power Supplly Superviissorss w/Manuall Ressett
07/02/99
IMP1232LP A1PROS-IMP1232LP Datasheet
1Mb / 7P
5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
IMP811 A1PROS-IMP811 Datasheet
180Kb / 8P
4--Piin 關P Vollttage Superrviissorr wiitth Manuall Ressett
1998
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
3-Pin 關P Voltage Supervisor
logo
Bel Fuse Inc.
PEE1100-12-054XA BEL-PEE1100-12-054XA Datasheet
1Mb / 25P
Front-End AC-DC Power Supplly
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
3-Pin, Low-Power 關P Reset Circuits
2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com