Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1832 Datasheet(PDF) 4 Page - A1 PROs co., Ltd.

Part # IMP1832
Description  3..3V 關P Power Supplly Moniittor and Ressett Ciircuiitt
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1832 Datasheet(HTML) 4 Page - A1 PROs co., Ltd.

  IMP1832 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP1832 Datasheet HTML 7Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
On power-down, once VCC falls below the reset threshold RESET
stays LOW and is guaranteed to be 0.4V or less until VCC drops
below 1.2V. The active HIGH reset signal is valid down to a VCC
level of 1.2V also.
Manual Reset Operation
Push-button switch input, PBRST, allows the user to override the
internal trip point detection circuits and issue reset signals. The
pushbutton input is debounced and is pulled HIGH through an
internal 40k
Ω resistor.
When PBRST is held LOW for the minimum time tPB , both resets
become active and remain active for a minimum time period of
250ms after PBRST returns HIGH.
The debounced input is guaranteed to recognize pulses greater
than 20ms. No external pull-up resistor is required, since PBRST
is pulled HIGH by an internal 40k
Ω resistor.
The PBRST can be driven from a TTL or CMOS logic line or short-
ed to ground with a mechanical switch.
e
c
n
a
r
e
l
o
T
t
c
e
l
e
Se
c
n
a
r
e
l
o
T
)
V
(
e
g
a
t
l
o
V
t
n
i
o
P
P
I
R
T
n
i
Ml
a
n
i
m
o
Nx
a
M
V
=
L
O
T
C
C
%
0
27
4
.
25
5
.
24
6
.
2
D
N
G
=
L
O
T%
0
10
8
.
28
8
.
27
9
.
2
s
p
e
.
2
0
t
2
3
8
1
4
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
IMP1
IMP1832
832
Application Information
Supply Voltage Monitor
The IMP1832 monitors the microprocessor or microcontroller
power supply and issues reset signals, both active HIGH and
active LOW, that halt processor operation whenever the power
supply voltage levels are outside a predetermined tolerance.
Tolerance levels are set with the TOL pin.
RESET and RESET signals are generated at the last moment of a
valid VCC signal. On power-up, both reset signals are active for a
minimum of 250ms after the supply has returned to intolerance
level. This allows the power supply and monitored processor to
stabilize before instruction execution is allowed to begin.
Trip Point Tolerance Selection
With TOL connected to VCC, RESET and RESET become active
whenever VCC falls below 2.64V. RESET and RESET become active
when VCC falls below 2.98V if TOL is connected to ground.
After VCC has risen above the trip point set by TOL, RESET and
RESET remain active for a minimum time period of 250ms.
Figure 1. Timing Diagram: Power Up
Figure 2. Timing Diagram: Power Down
1832_04.eps
VCCTP(MAX)
VCCTP
VCCTP(MIN)
VCC
RESET
RESET
tR
tRPU
VOH
VOL
Figure 3. Timing Diagram: Pushbutton Reset
VIH
VIL
VOH
VOL
RESET
RESET
PBRST
tPDLY
tPB
tRST
1832_07.eps
Figure 4. Application Circuit: Pushbutton Reset
1832_05.eps
PBRST
Supply
Voltage
1
VCC
TD
2
ST
TOL
IMP1832
µP
3
4
RESET
GND
8
7
6
5
RESET
RESET
VCCTP(MAX)
VCCTP
VCCTP(MIN)
VCC
RESET
RESET
tF
VOH
VOL
tRPD
1832_03.eps



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com