Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # CLD
Description  Continuous Level Detection Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CLD Datasheet(HTML) 2 Page - Sensortechnics GmbH

  CLD Datasheet HTML 1Page - Sensortechnics GmbH CLD Datasheet HTML 2Page - Sensortechnics GmbH CLD Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
September 2007 / 311
www.sensortechnics.com
CLD Series
Continuous Level Detection Sensors
PERFORMANCE CHARACTERISTICS
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
e
g
a
t
l
o
v
w
o
l
t
u
p
t
u
o
g
o
l
a
n
A5
.
0
V
e
g
a
t
l
o
v
h
g
i
h
t
u
p
t
u
o
g
o
l
a
n
A
5
e
g
a
t
l
o
v
w
o
l
c
i
g
o
L
6
.
0
e
g
a
t
l
o
v
h
g
i
h
c
i
g
o
LV
S
7
.
0
-
t
n
e
r
r
u
c
t
u
p
t
u
o
g
o
l
a
n
A
0
1
A
m
)
w
o
l
t
u
p
t
u
o
(
t
n
e
r
r
u
c
k
n
i
s
t
u
p
t
u
O
5
2
)
h
g
i
h
t
u
p
t
u
o
(
t
n
e
r
r
u
c
e
c
r
u
o
s
t
u
p
t
u
O
5
2
e
m
i
t
e
s
n
o
p
s
e
R
0
5
2s
m
TANK/VESSEL REQUIREMENTS:
The material of the tank or vessel can be of metal or plastic. It must be single wall
construction and shall have a location on the underside that is relatively flat and
parallel to the surface of liquid. Any obstruction in the tank or vessel may effect the
sensor output.
The sensor mounting flange shall be fixed to the bottom side of the vessel or tank
using two # 10 screws.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com