Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # CLD
Description  Continuous Level Detection Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CLD Datasheet(HTML) 1 Page - Sensortechnics GmbH

  CLD Datasheet HTML 1Page - Sensortechnics GmbH CLD Datasheet HTML 2Page - Sensortechnics GmbH CLD Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
September 2007 / 311
www.sensortechnics.com
CLD Series
Continuous Level Detection Sensors
FEATURES
· Non-invasive ultrasonic technology
· Bottom-up liquid level measurements
· High accuracy and reliability
· Analog output voltage proportional to
liquid level
· Optional separate logic output to report
custom specific liquid level set points
SPECIFICATIONS
Maximum ratings
Supply voltage (V
S)
min. 6 V
DC, max. 24 VDC
Supply current
max.100 mA
Temperature limits
Operating
5...60 °C
Storage
-20...85 °C
Humidity limits
0 - 95 %RH
(non-condensing)


Similar Part No. - CLD

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CLD RALTRON-CLD Datasheet
56Kb / 3P
CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
logo
Tyco Electronics
CLD-51-20010 MACOM-CLD-51-20010 Datasheet
51Kb / 2P
Delay on operate timing mode
CLD-51-20010 MACOM-CLD-51-20010 Datasheet
51Kb / 2P
Compact Time Delay Relay
logo
Cree, Inc
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
Cree짰 XLamp짰 XH Family LEDs
rev 0A
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
Cree® XLamp® XP Family LEDs
rev 19
More results

Similar Description - CLD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3421 ALLEGRO-3421 Datasheet
160Kb / 12P
HALL-EFFECT, DIRECTION-DETECTION SENSORS
September 6, 2000
logo
List of Unclassifed Man...
SSM2110 ETC-SSM2110 Datasheet
435Kb / 6P
AUDIO LEVEL DETECTION SYSTEM
logo
Allegro MicroSystems
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
EPCOS
B59020E1160A041 EPCOS-B59020E1160A041 Datasheet
53Kb / 3P
Liquid level detection
logo
Cynergy3 Co
SSF67V CYNERGY3-SSF67V Datasheet
1Mb / 1P
continuous output level transducer
logo
Axiomtek Co., Ltd.
DSA-142 AXIOMTEK-DSA-142 Datasheet
268Kb / 1P
Motion detection sensors
logo
SICK AG
LFP0200-G1NMB SICK-LFP0200-G1NMB Datasheet
264Kb / 4P
LEVEL SENSORS
2016-05-11
LFP0300-G1NMB SICK-LFP0300-G1NMB Datasheet
264Kb / 4P
LEVEL SENSORS
2016-05-11
logo
MKS Instruments.
AIRGARDFTIR MKS-AIRGARDFTIR Datasheet
215Kb / 4P
AMBIENT AIR ANALYZER FOR CONTINUOUS DETECTION
logo
Banner Engineering Corp...
SM31EPD BANNER-SM31EPD Datasheet
445Kb / 7P
Clear Plastic Detection Sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com