Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # CLD
Description  Continuous Level Detection Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CLD Datasheet(HTML) 3 Page - Sensortechnics GmbH

  CLD Datasheet HTML 1Page - Sensortechnics GmbH CLD Datasheet HTML 2Page - Sensortechnics GmbH CLD Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
September 2007 / 311
www.sensortechnics.com
CLD Series
Continuous Level Detection Sensors
OUTLINE DRAWING
dimensions in mm
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
n
i
Pr
o
l
o
Cn
o
i
t
c
e
n
n
o
C
1d
e
Re
g
a
t
l
o
v
y
l
p
p
u
S
2k
c
a
l
Bn
r
u
t
e
r
l
a
n
g
i
s
d
n
a
r
e
w
o
P
3e
g
n
a
r
Ot
u
p
t
u
o
g
o
l
a
n
A
4n
e
e
r
G)
l
a
n
o
i
t
p
o
(
t
u
p
t
u
o
c
i
g
o
L
Note:
Custom specific options are widely available.
Please contact your nearest Sensortechnics sales office for further information.
53.3
Ø 5.1
72.9
61.7
Contact pad
19.4
third angle projection
mass: approx. 84 g
ELECTRICAL CONNECTION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com