Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API4000M4 Datasheet(PDF) 8 Page - Aplus Intergrated Circuits

Part # API4000M4
Description  4-channel Sound Generator with Melody
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API4000M4 Datasheet(HTML) 8 Page - Aplus Intergrated Circuits

Back Button API4000M4 Datasheet HTML 4Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 5Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 6Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 7Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 8Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 9Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 10Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 11Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 12Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
INTEGRATED
API4000M SERIES
CIRCUITS INC.
VOICE OTP MODULE
Ver1.1
8
D. Input & Output Data
By the 2 Instruction INPUT and OUTPUT, Data can pass inside API4000M, or connect with outside. The
following is the description about each Data Port’s act.
1. Input Data Port
(1) PA ﹕Input Data Port A is a value consists of Input Pin PIO3 ~ PIO0 and PI3 ~ PI0, Following is their
correspondent.
PA
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Input Pin
PIO3
PIO2
PIO1
PIO0
PI3
PI2
PI1
PI0
PS ﹕If PIO3 ~ PIO0 or PI2 ~ PI0 are set to Out Pin, bit7 ~ bit4 or bit2 ~ bit0 will be Unknown State.
(2) PB ﹕Input Data Port B can make Melody change Channel code of instrument and Instrument Code,
Each bit of PB has following act.
PB
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Item
-
C1
C0
Inst4
Inst3
Inst2
Inst1
Inst0
PS﹕
(1). Inst4~Inst0 ﹕Code of Instrument, 0 ~ 31 total 32 type, set as Melody Compiling.
(2). C1,C0 ﹕Code of Channel﹔
C1=1,C0=1 is CH1 ﹔
C1=0,C0=0 is CH2 ﹔
C1=0,C0=1 is CH3 ﹔
C1=1,C0=0 is CH4 ﹔
(3) PC ﹕Input Data Port C is display End State of each channel, each pin of PC has following act.
PC
bit7
Bit6
bit5
bit4
bit3
bit2
bit1
bit0
Item
-
-
-
-
Sn4
Sn3
Sn2
Sn1
PS﹕ (1). Sn4 , Sn3 , Sn2 and Sn1 displayed Channel CH4 , CH3 , CH2 and CH1 if had happen Sound End,
state 1 means Soind End.
2. Output Data Port
(1) PA ﹕Output Data Port A consists of Output Pin PIO3 ~ PIO0 and PO3 ~ PO0, each bit of PA after
API4000M
power on, the initial state is 0, each pin of PA has following act.
PA
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Output Pin
PIO3
PIO2
PIO1
PIO0
PO3
PO2
PO1
PO0
PS ﹕If PIO3 ~ PIO0 are set to Input Pin, bit7 ~ bit4 will not affect PIO3 ~ PIO0 of state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com