Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API4000M4 Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # API4000M4
Description  4-channel Sound Generator with Melody
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API4000M4 Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  API4000M4 Datasheet HTML 1Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 2Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 3Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 4Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 5Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 6Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 7Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 8Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
INTEGRATED
API4000M SERIES
CIRCUITS INC.
VOICE OTP MODULE
Ver1.1
1
GENERAL DESCRIPTION
API4000M is a 4-channel Sound Generator which consists of Melody-Controller and Micro-Controller.
API4000M can directly drive Speaker by the Power Amplifier inside, It has 12 I/O Ports connect with other units.
API4000M give 24Bit parallel Address Bus and 8Bit parallel Data Bus for connecting with the Memory from
outside, it can process data maximum 128M bits, it commendatory apply to the product which use high quality
voice and music synthesizer.
FEATURE
*. 4-channel Sound Generator with Melody
*. VCC = 2.7V ~ 5V
*. 4bit ADPCM
*. 24bit Address Bus, 8bit Data Bus
*. 42 Instruction Set
*. 12 Input/Output Data Port
*. Built-In Power Amplifier
PART NO.
VOICE DURATIONS
API4000M2
22 min.
API4000M4
44 min.
API4000M8
88 min.
25mm
42mm


Similar Part No. - API4000M4

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API4000-6 APLUS-API4000-6 Datasheet
249Kb / 6P
very low cost voice synthesizer with 4-bit microprocessor
More results

Similar Description - API4000M4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMC334 ETC-MMC334 Datasheet
42Kb / 1P
MELODY GENERATOR
HTC750 ETC-HTC750 Datasheet
149Kb / 6P
Melody Generator
IZ8057 ETC-IZ8057 Datasheet
72Kb / 7P
MULTI MELODY GENERATOR WITH ACCOMPANEMENT
logo
Integral Corp.
BT8040 INTEGRAL-BT8040 Datasheet
207Kb / 4P
Melody Generator with Accompaniment
BT8048 INTEGRAL-BT8048 Datasheet
179Kb / 4P
Melody Generator with Accompaniment
logo
Holtek Semiconductor In...
HT2844 HOLTEK-HT2844 Datasheet
1Mb / 18P
4-Sound Generator
11th July 97
logo
KODENSHI_AUK CORP.
KK8040 KODENSHI-KK8040 Datasheet
228Kb / 4P
Melody Generator with Accompaniment
KK8048 KODENSHI-KK8048 Datasheet
197Kb / 4P
Melody Generator with Accompaniment
logo
List of Unclassifed Man...
BT8031 ETC2-BT8031 Datasheet
266Kb / 2P
MELODY GENERATOR WITH ACCOMPANEMENT
UM3491 ETC2-UM3491 Datasheet
300Kb / 4P
Melody Generator With Accompaniment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com