Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API4000M4 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # API4000M4
Description  4-channel Sound Generator with Melody
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API4000M4 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  API4000M4 Datasheet HTML 1Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 2Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 3Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 4Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 5Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 6Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 7Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 8Page - Aplus Intergrated Circuits API4000M4 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
INTEGRATED
API4000M SERIES
CIRCUITS INC.
VOICE OTP MODULE
Ver1.1
5
6. Input & Output Data
Instruction Format
Code
Cycle
Bytes
Instruction Description
INPUT PA, Rn ﹔
80
1
2
Set Data Port A to Rn.( Rn
PA)
INPUT PB, Rn ﹔
81
1
2
Set Data Port B to Rn. ( Rn
PB)
INPUT PC, Rn ﹔
82
1
2
Set Data Port C to Rn. ( Rn
PC)
OUT PA, Rn ﹔
88
1
2
Set the value of Rn to Data Port A. (PA Rn)
OUT PB, Rn ﹔
89
1
2
Set the value of Rn to Data Port B. (PB Rn)
OUT PC, Rn ﹔
8A
1
2
Set the value of Rn to Data Port C. (PC Rn)
OUT PD, Rn ﹔
8B
1
2
Set the value of Rn to Data Port D. (PD Rn)
OUT PE, Rn ﹔
8C
1
2
Set the value of Rn to Data Port E. (PE Rn)
PS :
(1). PA , PB , PC , PD , PE is Data Port A , B, C, D, E, Reference D. Data Port to get more description.
7. System Control
Instruction Format
Code
Cycle
Bytes
Instruction Description
CLINTR ﹔
C8
1
1
Clear Interrupt Signal
INTRE ﹔
C9
1
1
Make system can receive interrupt signal.
SHUTDN ﹔
CA
1
1
System shutdown.
PS : (1). Before executiving SHUTDN Instruction, be sure to executive INTRE Instruction first to assure system
can be restarted after shutdown.
B. Sound Processor
Sound Processor of API4000M use 4 bits ADPCM construction, it has 4 Sound Channel can play music
mixed by 4 different type sound.Sample Rate of Sound is during 4KHz ~ 32Khz, each Channel can has different
Sample Rate.Each Channel has 2 group Address Register for Sound Data, each group Address Register has a Start
Address Register and a End Address Register for Sound Data. Each Sound Channel can be Controlled by
Instruction PLAYSP, or Controlled by Melody Processor.Before Play Sound, Address of Sound Data must be set
first. The following is the description about setting with Channel, Address, and Sample Rate.
1. Channel :
Cn is the no. of Channel in Instruction LDSPADB, LDSPADF, and PLAYSP. Each Channel has A and B
2 group, A and B can’t play together. The folloeing is the Table.
Table B.1
Channel
CH1
CH2
CH3
CH4
Group
A
B
A
B
A
B
A
B
Cn
C1A
C1B
C2A
C2B
C3A
C3B
C4A
C4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com