Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API4000M8 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # API4000M8
Description  4-channel Sound Generator with Melody
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API4000M8 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  API4000M8 Datasheet HTML 1Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 2Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 3Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 4Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 5Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 6Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 7Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 8Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
INTEGRATED
API4000M SERIES
CIRCUITS INC.
VOICE OTP MODULE
Ver1.1
2
ABSOLUTE MAXIMUM RATING
Supply Voltage ( VDD to GND )
------------------
5V
Input Voltage Range
------------------
(GND- 0.3V) to (VDD + 0.3V)
Operating Temperature Range
------------------
0℃ to +60℃
ELECTRICAL CHARACTERISTICS
( VDD=4.5V , GND=0V ,Ta=+25℃ , unless otherwise noted )
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Standby Current
Chip Shut Down
10
uA
Operating Current
Sound On 8 ohm Speaker
50
mA
Input low voltage
Input Pins exclude AmpIn
0.8
V
Input high voltage
Input Pins exclude AmpIn
3.2
V
output low voltage
Iout = -0.1mA for Output Pins
0.5
V
output high voltage
Iout = 0.1mA for Output Pins
3.8
V
PIN DESCRIPTION
NO
Pin Name
Description
1
VDDD
Digital Positive Power Supply
2
VDDA
Analog Positive Power Supply
3
GNDD
Digital Negative Power Supply
4
GNDA
Analog Negative Power Supply
5
AMPOUT
Power Amplifier Output
6
AMPIN
Power Amplifier Input
7
OSC1
Oscillator Input
8
OSC2
Oscillator Output
9
PI3
Data Input Pin
10
PI2 ~ PI0
Data Input/Output Pins
11
PIO3 ~ PIO0
Data Input/Output Pins
12
PO3 ~ PO0
Data Output Pins
13
CEN
Memory Chip Enable Pin , Low Active
14
OEN
Memory Data Out Enable Pin , Low Active
15
D7 ~ D0
Memory Data Input Pins
16
A23 ~ A0
Memory Address Output Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com