Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API4000M8 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # API4000M8
Description  4-channel Sound Generator with Melody
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API4000M8 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  API4000M8 Datasheet HTML 1Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 2Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 3Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 4Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 5Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 6Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 7Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 8Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
INTEGRATED
API4000M SERIES
CIRCUITS INC.
VOICE OTP MODULE
Ver1.1
3
Functional Description
A. Micro–Controller
The Micro-Controller inside API4000M is a 8Bit Processor, it has 2 groups Data Bank each has 16 X 8
Bit Register, the Function for processing Data: Addition , Subtraction , logical AND , Moving , Shift and
the other Basic Function. It also has Address Jump , Data Input , Data Output , Sound Control , Melod
yControl and the other Advanced Function.
Here is the list of 42
instruction in API4000M, each instruction has its Format and Description.
1. JUMP
Instruction Format
Code
Cycle
Bytes
Instruction
Description
JUMP INTR1, Pn ﹔
01
2
3
if INTR1 = 1, Program Address(PC) will jump to Pn.
JUMP INTR2, Pn ﹔
02
2
3
if INTR2 = 1, Program Address (PC)will jump to Pn.
JUMP INTR3, Pn ﹔
03
2
3
if INTR3 = 1, Program Address (PC)will jump to Pn.
JUMP INTR4, Pn ﹔
04
2
3
if INTR4 = 1, Program Address(PC) will jump to Pn.
JUMP ADDR, Pn ﹔
05
2
3
Program Address(PC) direct jump to Pn.
JUMP CO0, Pn ﹔
06
2
3
if carry out = 0,Program Address(PC) will jump to Pn.
JUMP CO1, Pn ﹔
07
2
3
if carry out = 1,Program Address(PC) will jump to Pn.
PS :
(1). Code : Code of instruction.
(2). Cycle : Time to executive instruction, 1Cycle = 64 clock period.
(3). Bytes : Size of instruction, 1 Byte = 8 Bits.
(4). Pn ﹕Address in Program, e.g. P123;n = 0 ~ 9999.
(5). INTR1 ﹕Key In signal.
(6). INTR2 ﹕Song End signal.
(7). INTR3 ﹕Sound End signal.
(8). INTR4 ﹕Change Instrument signal.
2. Register & Data
Instruction Format
Code
Cycle
Bytes
Instruction Description
ADDC Rn, Data ﹔
6n
1
2
The value of Rn adds Data,only set Carry but don’t
change the value of Rn. ( Rn + Data
C=?)
ADDD Rn, Data ﹔
7n
1
2
Rn
Rn + Data
ANDD Rn, Data ﹔
4n
1
2
The value of Rn logical AND Data,set the solution
to Rn. ( Rn
Rn AND Data)
MOVD Rn, Data ﹔
5n
1
2
set Rn
Data.
SUBDC Rn, Data ﹔
En
1
2
The value of Rn subduct Data, only return Carry
but don’t change the value of Rn.(Rn-Data C?)
SUBD Rn, Data ﹔
Fn
1
2
Rn
Rn - Data
PS :
(1). Rn ﹕Number of Register,e.g. R3;n = 0 ~ 15.
(2). Data ﹕a decimal value during 0 ~ 255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com