Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API4000M8 Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # API4000M8
Description  4-channel Sound Generator with Melody
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API4000M8 Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  API4000M8 Datasheet HTML 1Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 2Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 3Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 4Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 5Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 6Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 7Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 8Page - Aplus Intergrated Circuits API4000M8 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
INTEGRATED
API4000M SERIES
CIRCUITS INC.
VOICE OTP MODULE
Ver1.1
4
3. Single Register Operation
Instruction Format
Code
Cycle
Bytes
Instruction Description
SHIFTL Rn ﹔
2n
1
1
Each Bit of Rn Shift to left Bit,shift 0 to D0.
i.e. D7←D6←D5←D4←D3←D2←D1←D0←0.
SHIFTR Rn ﹔
3n
1
1
Each Bit of Rn Shift to right Bit,shift 0 to D7.
i.e. 0→D7→D6→D5→D4→D3→D2→D1→D0.
DEC Rn ﹔
An
1
1
The value of Rn subduct 1,set the solution to Rn. (Rn
Rn-1)
INC Rn ﹔
Bn
1
1
The value of Rn add 1,set the solution to Rn.(Rn
Rn+1)
4. Operation between two Registers
Instruction Format
Code
Cycle
Bytes
Instruction Description
ADDR Rn, Rm ﹔
D0
2
2
Rn add Rm, set the amount to Rn..(Rn, Rn+Rm)
ADDRI Rn, Rm ﹔
D1
2
2
Rn add Rm and Carry, set the amount to Rn. (Rn
Rn+Rm+C)
ADDRC Rn, Rm ﹔
D2
2
2
Rn add Rm, only set Carry but don’t change the value
of Rn and Rm. (Rn+Rm
C?)
SUBR Rn, Rm ﹔
D4
2
2
Rn subduct Rm, set the difference to Rn. (Rn, Rn-Rm)
SUBRI Rn, Rm ﹔
D5
2
2
Rn subduct Rm and Carry, set the difference to Rn.
(Rn
Rn-Rm-C)
SUBRC Rn, Rm ﹔
D6
2
2
Rn subduct Rm, only set Carry but don’t change the
value of Rn and Rm. (Rn-Rm
C?)
ANDR Rn, Rm ﹔
D8
2
2
Rn logical AND Rm, set the solution to Rn.
(Rn Rn AND Rm)
MOVR Rn, Rm ﹔
D9
2
2
Set the value of Rm to Rn. ( Rn Rm)
5. Sound & Melody Control
Instruction Format
Code
Cycle
Bytes
Instruction Description
LDSPADB Cn, Sn ﹔
1n
2
4
Set the start address of Sound.
LDSPADF Cn, Sn ﹔
9n
2
4
Set the end address of Sound.
LDMYAD Mn ﹔
CF
2
4
Set the start address of Melody.
PLAYSP Cn, Data ﹔
CE
2
3
Play Sound(PS4).
TEMPO Rn ﹔
8E
1
2
Set Rn to Tempo value of Melody (PS5).
GAIN Rn ﹔
8F
1
2
Set Rn to the volume of output sound (PS6).
PS :
(1). Cn ﹕Code of Channel, n = 1A , 1B , 2A , 2B , 3A , 3B , 4A , 4B.
(2). Sn ﹕Code of Sound,sort by sequence,n = 0 ~ 9999.
(3). Mn ﹕Code of Melody Song, sort by sequence n = 0 ~ 9999.
(4). Data : Code of Sound Sample Rate, the value is during 0 ~ 31, reference B.Sound Processor to get
more description.
(5). Reference C. Melody Processor to get more description of Tempo Code.
(6). Volume is during 0 ~ 63,0 is mute,63 is MAX volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com