Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7807 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ACT7807
Description  2048 횞 9 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7807 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ACT7807 Datasheet HTML 1Page - Texas Instruments SN74ACT7807 Datasheet HTML 2Page - Texas Instruments SN74ACT7807 Datasheet HTML 3Page - Texas Instruments SN74ACT7807 Datasheet HTML 4Page - Texas Instruments SN74ACT7807 Datasheet HTML 5Page - Texas Instruments SN74ACT7807 Datasheet HTML 6Page - Texas Instruments SN74ACT7807 Datasheet HTML 7Page - Texas Instruments SN74ACT7807 Datasheet HTML 8Page - Texas Instruments SN74ACT7807 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN74ACT7807
2048
× 9
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS200D – JANUARY 1991 – REVISED APRIL 1998
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
I/O
DESCRIPTION
AF/AE
O
Almost-full/almost-empty flag. Depth offset values can be programmed for AF/AE or the default value of 256 can
be used for both the almost-empty offset (X) and the almost-full offset (Y). AF/AE is high when memory contains
X or fewer words or (2048 – Y) or more words. AF/AE is high after reset.
D0–D8
I
Nine-bit data input port
HF
O
Half-full flag. HF is high when the FIFO memory contains 1024 or more words. HF is low after reset.
IR
O
Input-ready flag. IR is synchronized to the low-to-high transition of WRTCLK. When IR is low, the FIFO is full and
writes are disabled. IR is low during reset and goes high on the second low-to-high transition of WRTCLK after
reset.
OE
I
Output enable. When OE, RDEN1, RDEN2 and OR are high, data is read from the FIFO on a low-to-high transition
of RDCLK. When OE is low, reads are disabled and the data outputs are in the high-impedance state.
OR
O
Output-ready flag. OR is synchronized to the low-to-high transition of RDCLK. When OR is low, the FIFO is empty
and reads are disabled. Ready data is present on Q0–Q17 when OR is high. OR is low during reset and goes high
on the third low-to-high transition of RDCLK after the first word is loaded to empty memory.
PEN
I
Program enable. After reset and before the first word is written to the FIFO, the binary value on D0–D8 and DP9
is latched as an AF/AE offset value when PEN is low and WRTCLK is high.
Q0–Q8
O
Nine-bit data output port. After the first valid write to empty memory, the first word is output on Q0–Q8 on the third
rising edge of RDCLK. OR also is asserted high at this time to indicate ready data. When OR is low, the last word
read from the FIFO is present on Q0–Q8.
RDCLK
I
Read clock. RDCLK is a continuous clock and can be asynchronous or coincident to WRTCLK. A low-to-high
transition of RDCLK reads data from memory when RDEN1, RDEN2, OE, and OR are high. OR is synchronous
to the low-to-high transition of RDCLK.
RDEN1
RDEN2
I
Read enables. When RDEN1, RDEN2, OE, and OR are high, data is read from the FIFO on the low-to-high
transition of RDCLK.
RESET
I
Reset. To reset the FIFO, four low-to-high transitions of RDCLK and four low-to-high transitions of WRTCLK must
occur while RESET is low. This sets HF, IR, and OR low and AF/AE high.
WRTCLK
I
Write clock. WRTCLK is a continuous clock and can be asynchronous or coincident to RDCLK. A low-to-high
transition of WRTCLK writes data to memory when WRTEN1/DP9, WRTEN2, and IR are high. IR is synchronous
to the low-to-high transition of WRTCLK.
WRTEN1/DP9
I
Write enable/data pin 9. When WRTEN1/DP9, WRTEN2, and IR are high, data is written to the FIFO on a
low-to-high transition of WRTCLK. When programming an AF/AE offset value, WRTEN1/DP9 is used as the
most-significant data bit.
WRTEN2
I
Write enable. When WRTEN1/DP9, WRTEN2, and IR are high, data is written to the FIFO on a low-to-high
transition of WRTCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com