Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7807 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT7807
Description  2048 횞 9 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7807 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT7807 Datasheet HTML 1Page - Texas Instruments SN74ACT7807 Datasheet HTML 2Page - Texas Instruments SN74ACT7807 Datasheet HTML 3Page - Texas Instruments SN74ACT7807 Datasheet HTML 4Page - Texas Instruments SN74ACT7807 Datasheet HTML 5Page - Texas Instruments SN74ACT7807 Datasheet HTML 6Page - Texas Instruments SN74ACT7807 Datasheet HTML 7Page - Texas Instruments SN74ACT7807 Datasheet HTML 8Page - Texas Instruments SN74ACT7807 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN74ACT7807
2048
× 9
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS200D – JANUARY 1991 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Free-Running Read and Write Clocks Can
Be Asynchronous or Coincident
D Read and Write Operations Synchronized
to Independent System Clocks
D Input-Ready Flag Synchronized to Write
Clock
D Output-Ready Flag Synchronized to Read
Clock
D 2048 Words by 9 Bits
D Low-Power Advanced CMOS Technology
D Programmable Almost-Full/Almost-Empty
Flag
D Input-Ready, Output-Ready, and Half-Full
Flags
D Cascadable in Word Width and/or Word
Depth
D Fast Access Times of 12 ns With a 50-pF
Load
D Data Rates up to 67 MHz
D 3-State Outputs
D Package Options Include 44-Pin Plastic
Leaded Chip Carrier (FN) and 64-Pin Thin
Quad Flat (PAG, PM) Packages
description
The SN74ACT7807 is a 2048-word by 9-bit FIFO with high speed and fast access times. It processes data at
rates up to 67 MHz and access times of 12 ns in a bit-parallel format. Data outputs are noninverting with respect
to the data inputs. Expansion is easily accomplished in both word width and word depth.
The write-clock (WRTCLK) and read-clock (RDCLK) inputs should be free running and can be asynchronous
or coincident. Data is written to memory on the rising edge of WRTCLK when the write-enable (WRTEN1/DP9,
WRTEN2) inputs are high and the input-ready (IR) flag output is high. Data is read from memory on the rising
edge of RDCLK when the read-enable (RDEN1, RDEN2) and output-enable (OE) inputs are high and the
output-ready (OR) flag output is high. The first word written to memory is clocked through to the output buffer
regardless of the levels on RDEN1, RDEN2, and OE. The OR flag indicates that valid data is present on the
output buffer.
The FIFO can be reset asynchronous to WRTCLK and RDCLK. RESET must be asserted while at least four
WRTCLK and four RDCLK cycles occur to clear the synchronizing registers. Resetting the FIFO initializes the
IR, OR, and half-full (HF) flags low and the almost-full/almost-empty (AF/AE) flag high. The FIFO must be reset
upon power up.
The SN74ACT7807 is characterized for operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74ACT7807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7807-15PM TI1-SN74ACT7807-15PM Datasheet
282Kb / 19P
2048 횞 9CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807-20FN TI1-SN74ACT7807-20FN Datasheet
282Kb / 19P
2048 횞 9CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807-20PM TI1-SN74ACT7807-20PM Datasheet
282Kb / 19P
2048 횞 9CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807-25PM TI1-SN74ACT7807-25PM Datasheet
282Kb / 19P
2048 횞 9CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807-40PM TI1-SN74ACT7807-40PM Datasheet
282Kb / 19P
2048 횞 9CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ACT7807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7811 TI-SN54ACT7811 Datasheet
218Kb / 16P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7881 TI-SN54ACT7881 Datasheet
193Kb / 15P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI-SN74ACT3651 Datasheet
376Kb / 26P
2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808 TI-SN74ACT7808 Datasheet
183Kb / 14P
2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7882 TI-SN74ACT7882 Datasheet
196Kb / 15P
2048 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808 TI-SN74ACT7808_07 Datasheet
293Kb / 18P
2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807 TI1-SN74ACT7807_15 Datasheet
282Kb / 19P
2048 횞 9CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI1-SN74ACT3651_09 Datasheet
470Kb / 29P
2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com