Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7807 Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74ACT7807
Description  2048 횞 9 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7807 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74ACT7807 Datasheet HTML 7Page - Texas Instruments SN74ACT7807 Datasheet HTML 8Page - Texas Instruments SN74ACT7807 Datasheet HTML 9Page - Texas Instruments SN74ACT7807 Datasheet HTML 10Page - Texas Instruments SN74ACT7807 Datasheet HTML 11Page - Texas Instruments SN74ACT7807 Datasheet HTML 12Page - Texas Instruments SN74ACT7807 Datasheet HTML 13Page - Texas Instruments SN74ACT7807 Datasheet HTML 14Page - Texas Instruments SN74ACT7807 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SN74ACT7807
2048
× 9
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS200D – JANUARY 1991 – REVISED APRIL 1998
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per FIFO channel
Outputs enabled
CL = 50 pF,
f = 5 MHz
91
pF
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
th
tPLH
tPHL
Output
Control
Output
Waveform 1
S1 at 7 V
Output
Waveform 2
S1 at Open
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
VOH
VOL
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
≈ 0 V
1.5 V
3 V
0 V
1.5 V
1.5 V
0 V
3 V
0 V
1.5 V
1.5 V
tw
Input
3 V
3 V
≈ 3.5 V
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Output
Input
S1
500
Ω
LOAD CIRCUIT
500
Ω
7 V
From Output
Under Test
Test
Point
NOTE A: CL includes probe and jig capacitance.
CL = 50 pF
(see Note A)
tsu
tPZH
tPZL
tPHZ
tPLZ
tPLH
tPHL
Open
Closed
Open
Closed
Open
Open
PARAMETER
S1
ten
tdis
tpd
Figure 5. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com