Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLP004D Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # SLP004D
Description  Low pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SLP004D Datasheet(HTML) 1 Page - Sensortechnics GmbH

  SLP004D Datasheet HTML 1Page - Sensortechnics GmbH SLP004D Datasheet HTML 2Page - Sensortechnics GmbH SLP004D Datasheet HTML 3Page - Sensortechnics GmbH SLP004D Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SLP004D
Low pressure sensors
1/4
July 2005 / 046
www.sensortechnics.com
FEATURES
· 0...4 "H
2O
· Accurate low pressure
readings
· Low cost
· High impedance bridge
· Low noise
· Low power consumption
for battery operation
BUTTON PACKAGE
APPLICATIONS
· Medical instrumentation
· Portable and battery
powered equipment
· Air flow monitoring
·HVAC
· Industrial controls
GENERAL DESCRIPTION
The SLP series of pressure sensors
provides low cost measuring for very
low pressures. These devices were
specifically designed to accurately
measure
differential
and
gage
pressures of 0 to 4 "H
2O. They are
compatible for use with non-corrosive
and non-ionic media, such as air and
dry gases.
The devices allow application of
pressure to either side of the dia-
phragm and can be used for gage or
differential pressure measurements.
EQUIVALENT CIRCUIT
Scale:
1 cm
½ inch
ELECTRICAL CONNECTION
OUTPUT+
GROUND
OUTPUT-
+V
S
+V
S
DIFFERENTIAL/GAGE
"D4" DIP PACKAGE
Note: Polarity applies for positive
pressure applied to port P2
(backward gage)
output
-
Vs
+


Similar Part No. - SLP004D

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SLP CYNERGY3-SLP Datasheet
338Kb / 1P
submersible level probe
logo
Cornell Dubilier Electr...
SLP CDE-SLP Datasheet
369Kb / 9P
Best for switching power supplies
logo
Honeywell Solid State E...
SLP HONEYWELL-SLP Datasheet
469Kb / 5P
SLSeries Limit Switch
logo
JST Mfg. Co., Ltd.
SLP-06V JST-SLP-06V Datasheet
177Kb / 3P
SL CONNECTOR 3.96mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Richco, Inc.
SLP-1 RICHCO-SLP-1 Datasheet
19Kb / 1P
SNAP LOCK PIN
More results

Similar Description - SLP004D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SXL010D SENSORTECHNICS-SXL010D Datasheet
51Kb / 2P
Low pressure sensors
logo
List of Unclassifed Man...
1NCH-G-4V ETC-1NCH-G-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
logo
All Sensors Corporation
DS-00243 ASC-DS-00243 Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
Rev C
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
1INCH-G-4V ASC-1INCH-G-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
5INCH-D-4V ASC-5INCH-D-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
5INCH-G-4V ASC-5INCH-G-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
Rev C
DS-0024 ASC-DS-0024 Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
DS-0274 ASC-DS-0274 Datasheet
1Mb / 16P
Low Voltage Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com