Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLP004D Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # SLP004D
Description  Low pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SLP004D Datasheet(HTML) 4 Page - Sensortechnics GmbH

  SLP004D Datasheet HTML 1Page - Sensortechnics GmbH SLP004D Datasheet HTML 2Page - Sensortechnics GmbH SLP004D Datasheet HTML 3Page - Sensortechnics GmbH SLP004D Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SLP004D
Low pressure sensors
4/4
July 2005 / 046
www.sensortechnics.com
ORDERING INFORMATION
Button package
SLP004D
Pressure range
0 to 4 "H
2O
SenSym and Sensortechnics reserve the right to make changes to any products herein. SenSym and Sensortechnics do not assume any
liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent
rights nor the rights of others.
PHYSICAL DIMENSIONS
Button package
Order part number
DIP package
SLP004DD4
mass: 1 g
dimensions in inches (mm)
mass: 1 g
dimensions in inches (mm)
D4-housing
0.020 typ.
(0.51)
0.110 typ.
(2.79)
0.380
(9.65)
0.285
(7.24)
0.090 typ.
(2.29)
0.470
(11.94)
0.050
typ.
(1.27)
0.550
(13.97)
P2
P1
0.600
(15.24)
0.01
(0.25)
0.100 typ.
(2.54)
0.300
(7.62)
0.070
(1.78)
0.135
(3.43)
0.250
(6.35)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com