Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLP004D Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # SLP004D
Description  Low pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SLP004D Datasheet(HTML) 2 Page - Sensortechnics GmbH

  SLP004D Datasheet HTML 1Page - Sensortechnics GmbH SLP004D Datasheet HTML 2Page - Sensortechnics GmbH SLP004D Datasheet HTML 3Page - Sensortechnics GmbH SLP004D Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SLP004D
Low pressure sensors
2/4
July 2005 / 046
www.sensortechnics.com
ABSOLUTE MAXIMUM RATINGS
Min.
---
+1700
+34
-2850
-40
---
---
---
---
---
+2100
---
---
---
Typ.
---
+2500
+50
-2400
0
±4
0.5
0.5
0.5
4.65
+2300
4.70
0.2
50
Max.
4
+5500
+110
-1950
+40
---
1.0
---
---
---
+2500
---
---
---
Unit
"H
2O
µV/V/"H
2O
mV
ppm/°C
mV
µV/V°C
%FS
%FS
ms
k
Ω
ppm/°C
k
Ω
%FS
µV/V/g
Characteristics
Operating pressure
Sensitivity T
A= 25°C
Full-scale span 4 "H
2O
2
Temperature coefficient of span5,8
Zero pressure offset T
A= 25°C
Temperature coefficient of offset5
Combined linearity and hysteresis3
Long term stability of offset and sensitivity7
Response time (10 % to 90 %)6
Input resistance T
A = 25°C
Temperature coefficient of resistance5,8
Output impedance
Repeatability4
Position sensitivity
SLP004D PERFORMANCE CHARACTERISTICS1
WARNING:
Due to the delicate nature of these very sensitive devices, some special handling is required . Parts are sensitive
to shock and vibration and must be handled with care. Dropping on any hard surface (bench top etc.) can destroy
the device. Note 10 "H
2O overpressure.
Supply voltage, V
S
7.5 V
DC
Temperature range
Operating
0 to 50°C
Storage
0 to 70°C
Common-mode pressure
150 "H
2O
Lead temperature (soldering 4 sec.)
250°C
Proof pressure
10 "H
2O
Burst pressure1
5 psi or 150 "H
2O
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
Reference conditions: supply voltage, V
S = 5 VDC, TA = 25°C, common-mode line pressure = 0 psig, pressure applied to P2.
Span is the algebraic difference between the output voltage at full scale pressure and the output at zero pressure.
See Definition of Terms: Hysteresis - the maximum output difference at any point within the operating pressure range for
increasing and decreasing pressure.
Maximum difference in output at any pressure with the operating pressure range an temperature within 0°C to +50°C after:
a) 1,000 temperature cycles, 0°C to 50°C
b) 1.5 million pressure cycles, 0 psi to full-scale span
Slope of the best straight line from 0°C to 50°C. For operation outside this temperature, contact factory for more specific
applications information.
Response time for a 0 psi to full-scale span pressure step change. 10 % to 90 % rise time.
Long term stability over a one year period.
This parameter is is not 100 % tested. It is guaranteed by process design and tested on a sample basis only.
If the maximum burst pressure is exceeded, even momentarily, the package may leak or burst, or the pressure sensing die
may fracture.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com