Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-03-LR2-RDC Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # SP-03-LR2-RDC
Description  155 Mbps SFP Transceiver (LR2)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-03-LR2-RDC Datasheet(HTML) 6 Page - Source Photonics, Inc.

  SP-03-LR2-RDC Datasheet HTML 1Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 2Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 3Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 4Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 5Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 6Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
155 Mbps SFP Transceiver (LR2)
SP-03-LR2
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS854-Dec0806
Rev A.2
LUMINENTOIC.COM
Protocol IC
SerDes
Laser Driver
Receiver Amplifier
LuminentOIC
SFP
Vcc
R
1
10�F
0.1�F
1�H
1�H
.01�F
VCC
T
10K�
TX_DISABLE
TX_FAULT
TD +
TD -
VEE
T
.01�F
.01�F
100�
VCC
R
10�F
0.1�F
.01�F
.01�F
100�
EEPROM
MOD_DEF 2
MOD_DEF 1
MOD_DEF 0
RD +
RD -
RX_LOS
TX_DISABLE
TX_FAULT
RX_LOS
R
1
R
1
R
1
R
1
VEE
R
Vcc
R
1=4.7K to 10K�
Suggested Transceiver Interface



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com