Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-03-LR2-RDC Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SP-03-LR2-RDC
Description  155 Mbps SFP Transceiver (LR2)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-03-LR2-RDC Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SP-03-LR2-RDC Datasheet HTML 1Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 2Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 3Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 4Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 5Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 6Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
155 Mbps SFP Transceiver (LR2)
SP-03-LR2
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS854-Dec0806
Rev A.2
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
POP
-5
-2.5
0
dBm
Average Launch Power (Tx:Off)
POff
-
-
-45
dBm
Extinction Ratio
ER
10
-
-
dB
Eye Mask
SONET/SDH Compliant
Optical Jitter Generation
Jgen
-
-
0.002
UI
Optical Rise Timeb
tr
-
-
2
ns
Optical Fall Timeb
tf
-
2
ns
Mean Wavelength
λ
1480
1550
1580
nm
Spectral Width (-20dB)
∆λ
-
-
1
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Dispersion Penalty (80km)
-
0.5
1
dB
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Reflectance Tolerance
rp
-24
-
-
dB
b) 20%-80% values
Transmitter Specifications
Features
• Single 3.3V Supply
• 29dB Minimum Link Budget
• 1550nm DFB Laser
• SFP MSA SFF-8074i Compliant
• GR-253/ITU-T G.957 Compliant
• Commercial Temperature Available (-Cxx)
• Reduced Industrial Temperature Available (-Rxx)
• Industrial Temperature Available (-Txx)
• IEEE 802.3ah Fast Ethernet Complaint
• Digital Diagnostic SFF-8472 Compliant
• Telcordia GR-468 Compliant
• Color coded bail latch tube: White
• RoHS-5/6 compliant product (lead exemption) (-xxA)
• RoHS-6/6 compliant product (lead free soldering) (-xxC)
Parameter
Symbol
Min.
Typical
Max.
Unit
Supply Voltage
Vcc
3.135
3.3
3.465
V
Total Current
Icc
-
-
300
mA
Power Supply Noise Rejectiona
PSR
100
-
-
mVp-p
Operating Temperature (-Cxx)
Top
-5
-
70
ºC
Operating Temperature (-Rxx)
Top
-20
-
85
ºC
Operating Temperature (-Txx)
Top
-40
-
85
ºC
Storage Temperature
Tst
-40
-
85
ºC
Data Rate OC-3/STM-1
DR
125
155
-
Mbps
a) 20Hz to 155MHz
General Operation


Similar Part No. - SP-03-LR2-RDC

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-03-LR2-CDFM SOURCE-SP-03-LR2-CDFM Datasheet
277Kb / 10P
1310nm FP laser and PIN photodetector for 40km transmission
SP-03-LR2-IDFM SOURCE-SP-03-LR2-IDFM Datasheet
277Kb / 10P
1310nm FP laser and PIN photodetector for 40km transmission
More results

Similar Description - SP-03-LR2-RDC

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-O3D-XLR MRV-SFP-O3D-XLR Datasheet
93Kb / 4P
155 Mbps SFP Transceiver
logo
Source Photonics, Inc.
SP-03-ELR-CDA SOURCE-SP-03-ELR-CDA Datasheet
492Kb / 9P
155 Mbps SFP Transceiver
SP-03-LR1-CDA SOURCE-SP-03-LR1-CDA Datasheet
485Kb / 7P
155 Mbps SFP Transceiver (LR1)
SPC-03-ELR-47CDA SOURCE-SPC-03-ELR-47CDA Datasheet
497Kb / 9P
155 Mbps CWDM SFP Transceiver
SPC-03-LR-47CDA SOURCE-SPC-03-LR-47CDA Datasheet
497Kb / 9P
155 Mbps CWDM SFP Transceiver
logo
Quanzhou Jinmei Electro...
SPB-3620G JMNIC-SPB-3620G Datasheet
177Kb / 6P
155 Mbps Single-Fiber SFP Transceiver
logo
Optoway Technology Inc
SPB-3760G_2015 OPTOWAY-SPB-3760G_2015 Datasheet
177Kb / 6P
155 Mbps Single-Fiber SFP Transceiver
SPB-3780G_2015 OPTOWAY-SPB-3780G_2015 Datasheet
177Kb / 6P
155 Mbps Single-Fiber SFP Transceiver
SPB-37160-1590G_2015 OPTOWAY-SPB-37160-1590G_2015 Datasheet
187Kb / 6P
155 Mbps Single-Fiber SFP Transceiver
SPB-3640G OPTOWAY-SPB-3640G_15 Datasheet
177Kb / 6P
155 Mbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com