Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-03-LR2-RDC Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SP-03-LR2-RDC
Description  155 Mbps SFP Transceiver (LR2)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-03-LR2-RDC Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SP-03-LR2-RDC Datasheet HTML 1Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 2Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 3Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 4Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 5Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 6Page - Source Photonics, Inc. SP-03-LR2-RDC Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
155 Mbps SFP Transceiver (LR2)
SP-03-LR2
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS854-Dec0806
Rev A.2
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Input Differential Impedence
Rin
80
100
120
Ω
PECL Single-Ended Data Input Swing
Vin,p-p
250
-
1200
mV
TxFault_Fault
Vfault
2
-
Vcc
V
TxFault_Normal
Vnormal
Vee
-
Vee+0.5
V
TxDisable_Disable
Vd
2
-
Vcc
V
TxDisable_Enable
Ven
Vee
-
Vee+0.8
V
Transmitter Specifications (Electrical)
Parameter
Symbol
Min
Typical
Max
Unit
Receive Power Lowc
Rsens,low
-
-36
-34
dBm
Receive Power Highc
Rsens,high
-10
-
-
dBm
Damage Threshold For Receiver
Pin,damage
4
-
-
dBm
Wavelengthd
λ
1480
-
1580
nm
LOS Assert
-45
-
-
dBm
LOS De-Assert
-
-
-34
dBm
LOS Hysteresis
0.5
-
-
dB
c) at 10-10, PRBS 223-1
d) Operational over 1200 to 1625nm range
Receiver Specifications (Optical)
Parameter
Symbol
Min
Typical
Max
Unit
PECL Single-Ended Data Output Swing
Vout, p-p
185
-
800
mV
Data Output Rise Time
tr
-
-
2
ns
Data Output Fall Time
tf
-
-
2
ns
Receiver Specifications (Electrical)
Parameter
Symbol
Min
Typical
Max
Unit
Tx Disable Negate Time
t_on
-
-
25
ms
Tx Disable Assert Time
t_off
-
-
10
µs
Time to Initialize, Including Reset Of Tx Fault
t_init
-
-
300
ms
Tx Fault Assert Time
t_fault
-
-
100
µs
Tx Disable to Reset
t_reset
10
-
-
µs
LOS Assert Time
t_loss_on
-
-
300
µs
LOS De-Assert Time
t_loss_off
-
-
100
µs
Serial ID Clock Rate
f_serial_clock
-
-
100
KHz
RX_LOS Voltage (High)
2
-
-
V
RX_LOS Voltage (Low)
-
-
0.8
V
LOS Output Voltage-Fault
VLOS fault
2
-
Vcc
V
LOS Output Voltage-Normal
VLOSnormal
Vee
-
Vee+0.5
V
MOD_DEF (0:2)-High
Vh
2
-
Vcc
V
MOD_DEF (0:2)-LOW
Vl
Vee
-
Vee+0.5
V
Timing and Electrical



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com