Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT3306 Datasheet(PDF) 1 Page - Texas Instruments

Part # CBT3306
Description  DUAL FET BUS SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CBT3306 Datasheet(HTML) 1 Page - Texas Instruments

  CBT3306 Datasheet HTML 1Page - Texas Instruments CBT3306 Datasheet HTML 2Page - Texas Instruments CBT3306 Datasheet HTML 3Page - Texas Instruments CBT3306 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SN74CBT3306
DUAL FET BUS SWITCH
SCDS016E – MAY 1995 – REVISED MAY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
D Package Options Include Plastic
Small-Outline (D) and Thin Shrink
Small-Outline (PW) Packages
description
The SN74CBT3306 dual FET bus switch features
independent line switches. Each switch is
disabled when the associated output-enable (OE)
input is high.
The SN74CBT3306 is characterized for operation
from –40
°C to 85°C.
FUNCTION TABLE
(each bus switch)
INPUT
OE
FUNCTION
L
A port = B port
H
Disconnect
logic diagram (positive logic)
1OE
1B
1A
2OE
2B
2A
2
1
5
7
3
6
D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OE
1A
1B
GND
VCC
2OE
2B
2A
Copyright
© 1998, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - CBT3306

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3306 PHILIPS-CBT3306 Datasheet
74Kb / 8P
Dual bus switch
2001 Nov 08
logo
Nexperia B.V. All right...
CBT3306 NEXPERIA-CBT3306 Datasheet
208Kb / 11P
Dual bus switch
Rev. 9 - 18 March 2021
CBT3306-Q100 NEXPERIA-CBT3306-Q100 Datasheet
186Kb / 9P
Dual bus switch
logo
NXP Semiconductors
CBT3306D PHILIPS-CBT3306D Datasheet
74Kb / 8P
Dual bus switch
2001 Nov 08
logo
Nexperia B.V. All right...
CBT3306D-Q100 NEXPERIA-CBT3306D-Q100 Datasheet
186Kb / 9P
Dual bus switch
More results

Similar Description - CBT3306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTD3306 TI-SN74CBTD3306 Datasheet
74Kb / 5P
DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
Single FET Bus Switch
logo
Texas Instruments
SN74CBT3306 TI-SN74CBT3306_07 Datasheet
230Kb / 11P
DUAL FET BUS SWITCH
SN74CBTD3306DR TI-SN74CBTD3306DR Datasheet
769Kb / 12P
DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
DUAL FET BUS SWITCH WITH LEVEL SHIFTING
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306 Datasheet
250Kb / 4P
DUAL FET BUS SWITCH
U74CBT3306 UTC-U74CBT3306_15 Datasheet
200Kb / 4P
DUAL FET BUS SWITCH
logo
Texas Instruments
SN74CB3T3306 TI1-SN74CB3T3306_16 Datasheet
903Kb / 19P
Dual FET Bus Switch
SN74CBT3305C TI1-SN74CBT3305C_15 Datasheet
1Mb / 16P
DUAL FET BUS SWITCH 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com