Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANDPSI025TD-LED Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # ANDPSI025TD-LED
Description  TFT LCD Color Monitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

ANDPSI025TD-LED Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  ANDPSI025TD-LED Datasheet HTML 1Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 2Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 3Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 4Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 5Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 6Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 7Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
4/16/09
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com
1
www.purdyelectronics.com
Displays
Displays
ANDpSi025TD-LED-KIT
2.5” Active Color
TFT LCD Color Monitor
The ANDpSi025TD-LED-KIT is an 640 x 240 active matrix color
TFT LCD Module with Digital and Analog Interface that utilizes
new low temperature poly-silicon (p-Si) technology to provide
brighter, thinner and lighter display with high resolution. Both of
horizontal and vertical scan are reversible and controlled by the
serial interface commands. The product is designed for the
requirement of the green product, and the specification complies
with Toppoly’s “Green Product Chemical Substance Specification
Standard Hand Book”. All these features making it ideal for
portable applications including personal digital assistants (PDAs),
medical instruments and test & measurements instruments.
Features
• p-Si construction with drivers on glass
• High luminance
• Digital and Analog Interface
• NTSC and PAL format compatible
• 16 Million/Full Color
• Slim (2.53 mm) and lightweight design
• Transmissive type. FIxed current LED backlight
• RoHS Compliant
Mechanical Characteristics
Item
Specification
Unit
Display Size (diag.)
2.0
inch
Display Type
Transmissive
–
Active Area
40.672 (H) x 30.48 (V)
mm
Number of Dots
640 (H) x RGB x 240 (V)
dot
Dot Pitch
0.0635 (H) x 0.127 (V)
mm
Color Arrangement
RGB Delta
–
Color Numbers
16 Million/Full Color
–
Outline Dimensions
46.1(H) x 40.96(V) x
2.53* (D)
mm
Weight
8.5
g
Panel surface treatment
Hard Coating (3H)
–
* Exclude FPC and protrusions.
Absolute Maximum Ratings (GND=0V)
Item
Symbol
Min. Max. Unit
Logic Power Supply
Voltage
VCC
-0.5
4.5
V
Input Signal Voltage
VD, HD, DCLK, DIN[0:7],
SDA, SCL, SCEN, SHDB,
GRESTB
VIN1
0
VCC
V
Backlight Forward current
IF
–25
mA
Operating Temp.
Topr
-10
+60
ºC
Storage Temp.
Tstg
-30
+80
ºC
Electrical Characteristics (GND=0V, Ta = 25°C)
Driving TFT LCD Panel
Item
Symbol
Min.
Typ.
Max. Unit
Power Supply for H/V Driver
VCC
2.85
3.0
3.6
V
Input Driver
Voltage
VD, HD, DCLK,
DIN[0:7], SDA,
SCL, SCEN, SHDB,
GRESTB
Low
VIL
GND
–
0.2 x
VCC*
V
High
VIH
0.8 x
VCC*
–
VCC*
PWM Output Voltage
VPWM
0–
VCC*
V
Feedback Voltage
VFB
0.55
0.6
0.65
V
Panel Power Consumption
Wp
–
50
60
mW
VCC*=VCC(TYP)
Note 1:
Note 2:
The VCC power is provided for overall panel
module supply voltage.
DC/DC feedback control voltage.
Absolute Maximum Ratings (Cont.) (GND=0V)
Item
Symbol
Min. Max. Unit
Driving Backlight in Standard Mode (Ta = 25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Forward Current
IF
–23
25
mA
Forward Current Volt.
VF
–3.4
3.6
V
Backlight Power
Consumption*
WBL
–
78.2
90
mW
* Backlight driving circuit is recommended as the fix current circuit


Similar Part No. - ANDPSI025TD-LED

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
ANDPSI025TD-LED-KIT PURDY-ANDPSI025TD-LED-KIT Datasheet
407Kb / 8P
TFT LCD Color Monitor
More results

Similar Description - ANDPSI025TD-LED

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ150X1DG55 SHARP-LQ150X1DG55 Datasheet
115Kb / 1P
Color TFT-LCD Module(Desktop PC /Monitor)
LQ181E1DG11 SHARP-LQ181E1DG11 Datasheet
122Kb / 1P
Color TFT-LCD Module(Desktop PC/Monitor)
logo
Purdy Electronics Corpo...
ANDPSI025TD-LED-KIT PURDY-ANDPSI025TD-LED-KIT Datasheet
407Kb / 8P
TFT LCD Color Monitor
AND-TFT-5TS-DHB-KIT PURDY-AND-TFT-5TS-DHB-KIT Datasheet
410Kb / 7P
LCD Color Monitor
AND-TFT-5VX PURDY-AND-TFT-5VX Datasheet
260Kb / 9P
LCD Color Monitor
AND-TFT-5VX-4HB PURDY-AND-TFT-5VX-4HB Datasheet
275Kb / 9P
LCD Color Monitor
AND-TFT-25XS-LED PURDY-AND-TFT-25XS-LED Datasheet
123Kb / 6P
LCD Color Monitor
AND-TFT-35PA PURDY-AND-TFT-35PA Datasheet
194Kb / 4P
LCD Color Monitor
AND-TFT-64PA PURDY-AND-TFT-64PA Datasheet
219Kb / 6P
LCD Color Monitor
AND-TFT-104TS PURDY-AND-TFT-104TS Datasheet
1,008Kb / 15P
color TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com