Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANDPSI025TD-LED Datasheet(PDF) 6 Page - Purdy Electronics Corporation

Part # ANDPSI025TD-LED
Description  TFT LCD Color Monitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

ANDPSI025TD-LED Datasheet(HTML) 6 Page - Purdy Electronics Corporation

  ANDPSI025TD-LED Datasheet HTML 1Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 2Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 3Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 4Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 5Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 6Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 7Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Displays
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
6
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com
4/16/09
www.purdyelectronics.com
PC-TFT-25TD
Interface Board
Features
• Used for TFT-LCD display: 2.5” ANDpSi025TD-LED
• Both PAL + NTSC
• 1 x CVBS input signal (1.0Vp-p)
• OSD Menu
• IR remote control (optional).
The PC-TFT-25TD is designed to work with the
ANDpSi025TD-LED color TFT display which is
suitable for automotive, small size home use TV,
video broadcasting & test equipment.
Environment:
Working Temp.: -20~60ºC
Relative Humidity: 5~95% RH
Storage Temp: -25ºC ~ +70ºC
Relative Humidity: 0~90% RH
OSD Function Description: Menu (PICTURE)
Keys function:
Item
Description
Value
Brightness
Adjust brightness
0-100
Contrast
Adjust contrast
0-100
Color
Adjust color
0-100
Sharpness
Adjust sharpness
0-100
Hue
Adjust HUE (only work on NTSC)
0-100
Button
Function
Y2
Power switch
MENU
OSD menu On/Off
ENTER
Select the item iniside the OSD menu
UP
Increase the current item’s value
DOWN
Decrease the current item’s value
ANDpSi025TD-LED-KIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com