Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANDPSI025TD-LED Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # ANDPSI025TD-LED
Description  TFT LCD Color Monitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

ANDPSI025TD-LED Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  ANDPSI025TD-LED Datasheet HTML 1Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 2Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 3Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 4Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 5Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 6Page - Purdy Electronics Corporation ANDPSI025TD-LED Datasheet HTML 7Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Displays
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
2
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com
4/16/09
www.purdyelectronics.com
Dimensional Outline
Unit: mm
Standard Tolerance: 0.5mm
ANDpSi025TD-LED-KIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com